Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4069UBF Datasheet(PDF) 2 Page - Rohm

No. de pieza BU4069UBF
Descripción Electrónicos  Quad 2-Input Hex Inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4069UBF Datasheet(HTML) 2 Page - Rohm

  BU4069UBF Datasheet HTML 1Page - Rohm BU4069UBF Datasheet HTML 2Page - Rohm BU4069UBF Datasheet HTML 3Page - Rohm BU4069UBF Datasheet HTML 4Page - Rohm BU4069UBF Datasheet HTML 5Page - Rohm BU4069UBF Datasheet HTML 6Page - Rohm BU4069UBF Datasheet HTML 7Page - Rohm BU4069UBF Datasheet HTML 8Page - Rohm BU4069UBF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Datasheet
Datasheet
2/14
TSZ02201-0RDR1GZ00050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
09.Aug.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BU4069UB
BU4069UBF
BU4069UBFV
Pin Descriptions
Absolute Maximum Ratings
(Note 1) Reduce 9.5mW per 1°C above 25°C
(Note 2) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 4.5mW per 1°C above 25°C
(Note 3) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 7.0mW per 1°C above 25°C
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions
Pin No.
Pin Name
I/O
Function
1
I1
I
Input1
2
O1
O
Output1
3
I2
I
Input2
4
O2
O
Output2
5
I3
I
Input3
6
O3
O
Output3
7
VSS
-
Ground
8
O4
O
Output4
9
I4
I
Input4
10
O5
O
Output5
11
I5
I
Input5
12
O6
O
Output6
13
I6
I
Input6
14
VDD
-
Power supply
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
-0.3 to +18.0
V
Input Voltage
VIN
-0.3 to VDD+0.3
V
Input Current
IIN
±10
mA
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
+150
°C
Power Dissipation
Pd
DIP14
1.18
(Note 1)
W
SOP14
0.56
(Note 2)
SSOP-B14
0.87
(Note 3)
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
+3.0 to +16.0
V
Input Voltage
VIN
0 to VDD
V


Número de pieza similar - BU4069UBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4069UBF ROHM-BU4069UBF Datasheet
48Kb / 4P
   Hex inverter
BU4069UBF ROHM-BU4069UBF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBF-E2 ROHM-BU4069UBF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBFE2 ROHM-BU4069UBFE2 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4069UBFV ROHM-BU4069UBFV Datasheet
48Kb / 4P
   Hex inverter
More results

Descripción similar - BU4069UBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
74C00 FAIRCHILD-74C00 Datasheet
63Kb / 1P
   QUAD TWO-INPUT NAND GATE HEX INVERTER
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com