Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9215BCP-65 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9215BCP-65
Descripción Electrónicos  10-Bit, 65/80/105 MSPS, 3V A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9215BCP-65 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9215BCP-65 Datasheet HTML 3Page - Analog Devices AD9215BCP-65 Datasheet HTML 4Page - Analog Devices AD9215BCP-65 Datasheet HTML 5Page - Analog Devices AD9215BCP-65 Datasheet HTML 6Page - Analog Devices AD9215BCP-65 Datasheet HTML 7Page - Analog Devices AD9215BCP-65 Datasheet HTML 8Page - Analog Devices AD9215BCP-65 Datasheet HTML 9Page - Analog Devices AD9215BCP-65 Datasheet HTML 10Page - Analog Devices AD9215BCP-65 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD9215
Rev. A | Page 7 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OR
MODE
SENSE
VREF
REFB
REFT
AVDD
AGND
VIN+
VIN–
AGND
AVDD
CLK
PDWN
D9 (MSB)
D8
D7
D6
DRVDD
DRGND
D5
D4
D3
D2
D1
D0 (LSB)
DNC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD9215
TOP VIEW
(Not to Scale)
DNC = DO NOT CONNECT
DNC
Figure 3. TSSOP (RU-28)
DNC 1
CLK 2
DNC 3
PDWN 4
DNC 5
DNC 6
DNC 7
DNC 8
DNC = DO NOT CONNECT
24 VREF
23 SENSE
22 MODE
21 OR
20 D9 (MSB)
19 D8
18 D7
17 D6
AD9215
TOP VIEW
(Not to Scale)
Figure 4. LFCSP (CP-32)
Table 6. Pin Function Descriptions
TSSOP Pin No.
LFCSP Pin No.
Mnemonic
Description
1
21
OR
Out-of-Range Indicator.
2
22
MODE
Data Format and Clock Duty Cycle Stabilizer (DCS) Mode Selection.
3
23
SENSE
Reference Mode Selection.
4
24
VREF
Voltage Reference Input/Output.
5
25
REFB
Differential Reference (Negative).
6
26
REFT
Differential Reference (Positive).
7, 12
27, 32
AVDD
Analog Power Supply.
8, 11
28, 31
AGND
Analog Ground.
9
29
VIN+
Analog Input Pin (+).
10
30
VIN−
Analog Input Pin (−).
13
2
CLK
Clock Input Pin.
14
4
PDWN
Power-Down Function Selection (Active High).
15 to 16
1, 3, 5 to 8
DNC
Do not connect, recommend floating this pin.
17 to 22,
25 to 28
9 to 14,
17 to 20
D0 (LSB) to
D9 (MSB)
Data Output Bits.
23
15
DRGND
Digital Output Ground.
24
16
DRVDD
Digital Output Driver Supply. Must be decoupled to DRGND with a
minimum 0.1 µF capacitor. Recommended decoupling is 0.1 µF in parallel with 10 µF.


Número de pieza similar - AD9215BCP-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9215BCP-65EB AD-AD9215BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Descripción similar - AD9215BCP-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com