Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA-7070A Datasheet(PDF) 1 Page - Copal Electronics |
|
SA-7070A Datasheet(HTML) 1 Page - Copal Electronics |
1 / 14 page ※ Please refer to the LIST OF PART NUMBERS when placing orders. O RoHS compliant O Low profile of 3.0 mm O Wide variety (top or side setting, 10 or 16 positions, J-hook, gull wing or through hole pins) to choose from O Easy to recognize O Low-profile side setting type with support terminals is available ■ FEATURES INTERNAL STRUCTURE Part name ② ③ ④ ⑤ ⑥ ⑦ ⑧ ⑨ “O” ring Cover Rotor Spacer Moving contact Fixed contact Housing Terminal pin Material Flammability UL94HB UL94V-0 — UL94V-0 — Silicone rubber ① Marking cover — Stainless steel (SUS 304) Polyphenylenesulphide Stainless steel (SUS 304) Copper alloy, Gold-plated Polyphenylenesulphide Copper alloy, Gold-plated ■ PART NUMBER DESIGNATION S A - 7 0 1 0 T A Series name Shape of rotor 0:Without knob (Minus slot) 1:With knob 2:Without knob (Cross slot) Code format 1 :10 positions, real code 3 :10 positions, complementary code 5 :16 positions, real code 7 :16 positions, complementary code Shape of terminal A:J-hook B:Gull wing C:Through hole pins (Only gull wing availabe for Low-profile side setting type) Form of packaging T:Taping (Reel) Blank:Bulk in plastic bag (Only taping availabe for Low-profile side setting type) Setting position 0:Top setting 1:Side setting 2:Low-profile side setting & forward support terminal type 3:Low-profile side setting & sideling support terminal type SA-7000 ① ④ ② ③ ⑦ ⑥ ⑤ ⑨ ⑧ ROTARY CODED SWITCHES (SMD) RoHS compliant |
Número de pieza similar - SA-7070A |
|
Descripción similar - SA-7070A |