Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD16922EFV-M Datasheet(PDF) 3 Page - Rohm |
|
BD16922EFV-M Datasheet(HTML) 3 Page - Rohm |
3 / 31 page 3/27 TSZ02201-0G1G0B300330-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 11.Sep.2015 Rev.003 www.rohm.com TSZ22111・15・001 BD16922EFV-M Absolute Maximum Ratings (Ta=25°C) Parameter Symbol Rating Unit Power Supply Voltage (PVCC1,2) VCC 60 V Output Voltage (OUT1P, OUT2P, OUT1N, OUT2N) VOUT 60 V Input Voltage (PO1,2) VPO 60 V Input Voltage (IN1P, IN2P, IN1N, IN2N) VIN -0.3 to +20 V Output Current (Note 1) IO 1.0 A Power Dissipation (Note 2) Pd 3.99 W Operating Temperature Range Topr -40 to +110 °C Storage Temperature Range Tstg -55 to +150 °C Junction Temperature Tjmax 150 °C (Note 1) Pd should not be exceeded (Note 2) Derating in done 31.9 mW/°C for operating above Ta≥25°C (Mount on 4-layer 70.0mm x 70.0mm x 1.6mm board, ROHM standard board) Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. Recommended Operating Conditions (Ta=25°C) Parameter Symbol Min Typ Max Unit Power Supply Voltage Range (Note 1) VCC 8 12 36 V Input Voltage Range (IN1P, IN2P, IN1N, IN2N) (Note 2) VIN -0.3 +5.0 +6.0 V Output Voltage Range (PO1,2) VPO - 5.0 6.0 V (Note 1) Pd should not be exceeded (Note 2) In order to start operation while in forward or reverse mode, apply a voltage to all input pins after Vcc exceeds the minimum operating voltage range (8V). |
Número de pieza similar - BD16922EFV-M |
|
Descripción similar - BD16922EFV-M |