Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD16933EFV-E2 Datasheet(PDF) 7 Page - Rohm

No. de pieza BD16933EFV-E2
Descripción Electrónicos  Automotive 3ch Half Bridge Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD16933EFV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD16933EFV-E2 Datasheet HTML 3Page - Rohm BD16933EFV-E2 Datasheet HTML 4Page - Rohm BD16933EFV-E2 Datasheet HTML 5Page - Rohm BD16933EFV-E2 Datasheet HTML 6Page - Rohm BD16933EFV-E2 Datasheet HTML 7Page - Rohm BD16933EFV-E2 Datasheet HTML 8Page - Rohm BD16933EFV-E2 Datasheet HTML 9Page - Rohm BD16933EFV-E2 Datasheet HTML 10Page - Rohm BD16933EFV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/21
TSZ02201-0H5H0B301770-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
25.Apr.2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD16933EFV-C
Electrical Characteristics (Unless otherwise specified, VVS =7V to 36V, VCC = 3.0V to 5.5V, -40°C ≤Tj ≤+150°C)
Parameter
Symbol
Specification
Unit
Conditions
Min
Typ
Max
Serial Peripheral Interface
SCK Frequency
fSCK
-
-
4.1
MHz
SCK Period
tSCK
243
-
-
ns
SCK High Time
tSCKH
80
-
-
ns
SCK Low Time
tSCKL
80
-
-
ns
SCK Setup Time
tSCKSET
125
-
-
ns
SCK Hold Time
tSCKHLD
125
ns
CSB Lead Time
tCSBLEAD
125
-
-
ns
CSB Lag Time
tCSBLAG
125
-
-
ns
CSB High Time
tCSBH
20
-
-
μs
SDI Setup Time
tSDISET
60
-
-
ns
SDI Hold Time
tSDIHLD
60
-
-
ns
SDO Valid Time
tSDOV
-
-
100
ns
No Load
SDO Enable After CSB Falling Edge
tSDOEN
-
-
125
ns
(Note 1)
SDO Disable After CSB Rising Edge
tSDODE
-
-
500
ns
(Note 1)
(Note 1)
the timing is prescribed in 0% and 100% of VCC-GND amplitude.
SDO
(TER=0)
SDI
CSB
SCK
MSB
14
1
LSB
MSB
14
1
LSB
tSCKSET
tCSBLEAD
tSCK
tCSBLAG
tCSBH
tSCKH
tSCKL
tSCKHLD
tSDISET
tSDIHLD
tSDOV
tSDOEN
tSDODE
0.6VVCC
0.2VVCC
0.6VVCC
0.2VVCC
0.6VVCC
0.2VVCC
0.6VVCC
0.2VVCC
X
SDO
(TER=1)
tSDOEN
tSDODE
X
0.6VVCC
0.2VVCC
High Impedance
High Impedance
High Impedance
High Impedance
X:Unstable state
TER (Internal signal
):” 0” in normal operation /” 1” in detecting erroneous SPI transmission
Figure 6. Serial Interface Timing


Número de pieza similar - BD16933EFV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
More results

Descripción similar - BD16933EFV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV8702D-Q1 TI1-DRV8702D-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   Automotive Half-Bridge Gate Driver
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
   Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
logo
Texas Instruments
DRV8904-Q1 TI1-DRV8904-Q1 Datasheet
1Mb / 96P
[Old version datasheet]   Automotive multi-channel half-bridge driver
logo
Allegro MicroSystems
AMT49502 ALLEGRO-AMT49502 Datasheet
1Mb / 45P
   80 V Automotive Half-Bridge MOSFET Driver
A89503 ALLEGRO-A89503 Datasheet
1Mb / 45P
   80 V Automotive Half-Bridge MOSFET Driver
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com