Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7631 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza DAC7631
Descripción Electrónicos  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7631 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC7631 Datasheet HTML 6Page - Burr-Brown (TI) DAC7631 Datasheet HTML 7Page - Burr-Brown (TI) DAC7631 Datasheet HTML 8Page - Burr-Brown (TI) DAC7631 Datasheet HTML 9Page - Burr-Brown (TI) DAC7631 Datasheet HTML 10Page - Burr-Brown (TI) DAC7631 Datasheet HTML 11Page - Burr-Brown (TI) DAC7631 Datasheet HTML 12Page - Burr-Brown (TI) DAC7631 Datasheet HTML 13Page - Burr-Brown (TI) DAC7631 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
®
10
DAC7631
TYPICAL PERFORMANCE CURVES: VSS = –5V (Cont.)
At TA = +25°C, VDD = VCC = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, representative unit, unless otherwise specified.
–30 –20 –10 0
10 20
30
40 50
60 70
80
90
–40
Temperature (
°C)
NEGATIVE FULL-SCALE ERROR vs TEMPERATURE
(Code 0000
H)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
POWER SUPPLY CURRENT vs TEMPERATURE
Data = FFFF
H
No Load
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Temperature (
°C)
–40 –30 –20 –10 0
10
20
30 40
50
60 70 80
90
I
CC
I
SS
5
4
3
2
1
0
–1
–2
–3
–4
–5
R
LOAD (kΩ)
0.001
0.01
1
0.1
100
10
1000
V
OUT vs RLOAD
Source
Sink
POSITIVE SUPPLY CURRENT
vs DIGITAL INPUT CODE
Digital Input Code
I
CC
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(–2.5V to +2.5V)
+5V
LDAC
0
Large-Signal Settling Time: 1V/div
Small-Signal Settling Time: 2LSB/div
–30 –20 –10 0
10 20
30
40 50
60 70
80
90
–40
Temperature (
°C)
POSITIVE FULL-SCALE ERROR vs TEMPERATURE
(Code FFFF
H)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0


Número de pieza similar - DAC7631

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7631 TI1-DAC7631 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7631E TI1-DAC7631E Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7631E/1K TI1-DAC7631E/1K Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7631E/1KG4 TI1-DAC7631E/1KG4 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7631EB TI1-DAC7631EB Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7631

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com