Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25M01 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT25M01
Descripción Electrónicos  1 Mb SPI Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M01 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT25M01 Datasheet HTML 1Page - ON Semiconductor CAT25M01 Datasheet HTML 2Page - ON Semiconductor CAT25M01 Datasheet HTML 3Page - ON Semiconductor CAT25M01 Datasheet HTML 4Page - ON Semiconductor CAT25M01 Datasheet HTML 5Page - ON Semiconductor CAT25M01 Datasheet HTML 6Page - ON Semiconductor CAT25M01 Datasheet HTML 7Page - ON Semiconductor CAT25M01 Datasheet HTML 8Page - ON Semiconductor CAT25M01 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT25M01
www.onsemi.com
3
Table 4. PIN CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = +5.0 V) (Note 5)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (SO)
VOUT = 0 V
8
pF
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)
VIN = 0 V
8
pF
5. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
Table 5.
A.C. CHARACTERISTICS (TA = −40°C to +125°C, unless otherwise specified.) (Note 6)
Symbol
Parameter
VCC = 1.8 V − 5.5 V
−40
5C to +855C
VCC = 2.5 V − 5.5 V
−40
5C to +1255C
Units
Min
Max
Min
Max
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
20
10
ns
tH
Data Hold Time
20
10
ns
tWH
SCK High Time
75
40
ns
tWL
SCK Low Time
75
40
ns
tLZ
HOLD to Output Low Z
50
25
ns
tRI (Note 8)
Input Rise Time
2
2
ms
tFI (Note 8)
Input Fall Time
2
2
ms
tHD
HOLD Setup Time
0
0
ns
tCD
HOLD Hold Time
10
10
ns
tV
Output Valid from Clock Low
75
40
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD to Output High Z
100
25
ns
tCS
CS High Time
80
40
ns
tCSS
CS Setup Time
60
30
ns
tCSH
CS Hold Time
60
30
ns
tCNS
CS Inactive Setup Time
60
30
tCNH
CS Inactive Hold Time
60
30
tWPS
WP Setup Time
10
10
ns
tWPH
WP Hold Time
10
10
ns
tWC (Note 7)
Write Cycle Time
5
5
ms
6. AC Test Conditions:
Input Pulse Voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times:
≤ 10 ns
Input and output reference voltages: 0.5 VCC
Output load: current source IOL max/IOH max; CL = 30 pF
7. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
Table 6. POWER−UP TIMING (Notes 8 and 9)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
8. This parameter is tested initially and after a design or process change that affects the parameter.
9. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


Número de pieza similar - CAT25M01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01 ONSEMI-CAT25M01 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
CAT25M01VE-GT3 ONSEMI-CAT25M01VE-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01VE.GT3 ONSEMI-CAT25M01VE.GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01VI-GT3 ONSEMI-CAT25M01VI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
More results

Descripción similar - CAT25M01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_16 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com