Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N01S830BAT22ET Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza N01S830BAT22ET
Descripción Electrónicos  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830BAT22ET Datasheet(HTML) 7 Page - ON Semiconductor

Back Button N01S830BAT22ET Datasheet HTML 3Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 4Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 5Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 6Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 7Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 8Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 9Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 10Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
N01S830HA, N01S830BA
www.onsemi.com
7
Figure 8. QUAD Write Sequence
CS
04
3
25
16
9
810
7
11
SCK
12
13
Instruction
SIO[3:0]
A5
A0
24−bit address
C1
C0
A4
A3
A2
A1
H0
L0
H1
L1
H2
L2
Hn
Ln
Data in
MSB
MSB
Notes:
C[1:0] = 02h
H0 = 4 high order bits of data byte 0
L0 = 4 low order bits of data byte 0
H1 = 4 high order bits of data byte 1
L1 = 4 low order bits of data byte 1
READ Mode Register (RDMR)
This instruction provides the ability to read the mode
register. The register may be read at any time including
during a Write operation. The Read Mode Register
operation is executed by driving CS low, then sending the
RDMR instruction to the device. Immediately after the
instruction, the device outputs data on the SO (SIO0-3)
pin(s). To complete the operation, drive CS high to terminate
the register read.
Figure 9. SPI Read Mode Register Sequence (RDMR)
CS
Instruction
SI
04
3
25
16
9
810
711
SCK
7
65
43
210
High−Z
Mode Register Data Out
SO
00
0
00
1
0
12
13
14
15
1
Figure 10. DUAL Read Mode Register Sequence (RDMR)
C[3:0] = 05h
Notes:
CS
Instruction
03
2
1
SCK
C3
C2
H
L
MSB
Mode Bits
SIO[1:0]
45
L
H
C1
C0
67


Número de pieza similar - N01S830BAT22ET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830BAT22IT ONSEMI-N01S830BAT22IT Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
More results

Descripción similar - N01S830BAT22ET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com