Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72774J9B1 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza ST72774J9B1
Descripción Electrónicos  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774J9B1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72774J9B1 Datasheet HTML 4Page - STMicroelectronics ST72774J9B1 Datasheet HTML 5Page - STMicroelectronics ST72774J9B1 Datasheet HTML 6Page - STMicroelectronics ST72774J9B1 Datasheet HTML 7Page - STMicroelectronics ST72774J9B1 Datasheet HTML 8Page - STMicroelectronics ST72774J9B1 Datasheet HTML 9Page - STMicroelectronics ST72774J9B1 Datasheet HTML 10Page - STMicroelectronics ST72774J9B1 Datasheet HTML 11Page - STMicroelectronics ST72774J9B1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 144 page
background image
ST72774/ST727754/ST72734
8/144
PIN DESCRIPTION (Cont’d)
RESET: Bidirectional. This active low signal forces
the initialization of the MCU. This event is the top
priority non maskable interrupt. This pin is
switched low when the Watchdog has triggered or
VDD is low. It can be used to reset external
peripherals.
OSCIN/OSCOUT:
Input/Output Oscillator
pin.
These pins connect a parallel-resonant crystal, or
an external source to the on-chip oscillator.
TEST/VPP: Input. EPROM programming voltage.
This pin must be held low during normal operating
modes.
VDD: Power supply voltage (4.0V-5.5V)
VSS: Digital Ground.
Alternate Functions: several pins of the I/O ports
assume
software
programmable
alternate
functions as shown in the pin description
Table 1. ST727x4 Pin Description
Pin No.
Pin Name
Type
Description
Remarks
39
1
PC0/HSYNCDIV
I/O
Port C0 or HSYNCDIV output (HSYNCO divided by 2)
40
2
PC1/AV
I/O
Port C1 or “Active Video” input
41
3
PC2/PWM3
I/O
Port C2 or 10-bit PWM/BRM output 3
For analog controls,
after external filtering
42
4
PC3/PWM4
I/O
Port C3 or 10-bit PWM/BRM output 4
43
5
PC4/PWM5
I/O
Port C4 or 10-bit PWM/BRM output5
44
6
PC5/PWM6
I/O
Port C5 or 10-bit PWM/BRM output 6
1
7
PC6/PWM7
I/O
Port C6 or 10-bit PWM/BRM output 7
2
8
PC7/PWM8
I/O
Port C7 or 10-bit PWM/BRM output 8
3
9
PB7/AIN3/PWM2
I/O
Port B7 or ADC analog input 3 or 10-bit PWM/BRM
output 2
4
10
PB6/AIN2/PWM1
I/O
Port B6 or ADC analog input 2 or 10-bit PWM/BRM
output 1
5
11
PB5/AIN1
I/O
Port B5 or ADC analog input 1
6
12
PB4/AIN0
I/O
Port B4 or ADC analog input 0
813
VDD
S
Supply (4.0V - 5.5V)
9
14
USBVCC
S
USB power supply (output 3.3V +/- 10%)
10
15
USBDM
I/O
USB bidirectional data
Must be tied to ground
for devices without
USB peripheral
11
16
USBDP
I/O
USB bidirectional data
12
17
VSS
S
Ground 0V
13
18
HSYNCI
I
SYNC horizontal synchronisation input
TTL levels
Refer to Figure 16
14
19
VSYNCI
I
SYNC vertical synchronisation input
15
20
PD0/VSYNCO
I/O
Port D0 or SYNC vertical synchronisation output
16
21
PD1/HSYNCO
I/O
Port D1 or SYNC horizontal synchronisation output
17
22
PD2/CSYNCI
I/O
Port D2 or SYNC composite synchronisation input
TTL levels with pull-up
(SYNC input)
3


Número de pieza similar - ST72774J9B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7277 STMICROELECTRONICS-ST7277 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST72771N4B1 STMICROELECTRONICS-ST72771N4B1 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST72771N5B1 STMICROELECTRONICS-ST72771N5B1 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST72771N6B1 STMICROELECTRONICS-ST72771N6B1 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST72771N9B1 STMICROELECTRONICS-ST72771N9B1 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
More results

Descripción similar - ST72774J9B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
April 1998
ST72753 STMICROELECTRONICS-ST72753 Datasheet
64Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
ST7277 STMICROELECTRONICS-ST7277 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
RST7275-1 STMICROELECTRONICS-RST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
   8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May 1996
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com