Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72754S7T1 Datasheet(PDF) 8 Page - STMicroelectronics |
|
ST72754S7T1 Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 144 page ST72774/ST727754/ST72734 8/144 PIN DESCRIPTION (Cont’d) RESET: Bidirectional. This active low signal forces the initialization of the MCU. This event is the top priority non maskable interrupt. This pin is switched low when the Watchdog has triggered or VDD is low. It can be used to reset external peripherals. OSCIN/OSCOUT: Input/Output Oscillator pin. These pins connect a parallel-resonant crystal, or an external source to the on-chip oscillator. TEST/VPP: Input. EPROM programming voltage. This pin must be held low during normal operating modes. VDD: Power supply voltage (4.0V-5.5V) VSS: Digital Ground. Alternate Functions: several pins of the I/O ports assume software programmable alternate functions as shown in the pin description Table 1. ST727x4 Pin Description Pin No. Pin Name Type Description Remarks 39 1 PC0/HSYNCDIV I/O Port C0 or HSYNCDIV output (HSYNCO divided by 2) 40 2 PC1/AV I/O Port C1 or “Active Video” input 41 3 PC2/PWM3 I/O Port C2 or 10-bit PWM/BRM output 3 For analog controls, after external filtering 42 4 PC3/PWM4 I/O Port C3 or 10-bit PWM/BRM output 4 43 5 PC4/PWM5 I/O Port C4 or 10-bit PWM/BRM output5 44 6 PC5/PWM6 I/O Port C5 or 10-bit PWM/BRM output 6 1 7 PC6/PWM7 I/O Port C6 or 10-bit PWM/BRM output 7 2 8 PC7/PWM8 I/O Port C7 or 10-bit PWM/BRM output 8 3 9 PB7/AIN3/PWM2 I/O Port B7 or ADC analog input 3 or 10-bit PWM/BRM output 2 4 10 PB6/AIN2/PWM1 I/O Port B6 or ADC analog input 2 or 10-bit PWM/BRM output 1 5 11 PB5/AIN1 I/O Port B5 or ADC analog input 1 6 12 PB4/AIN0 I/O Port B4 or ADC analog input 0 813 VDD S Supply (4.0V - 5.5V) 9 14 USBVCC S USB power supply (output 3.3V +/- 10%) 10 15 USBDM I/O USB bidirectional data Must be tied to ground for devices without USB peripheral 11 16 USBDP I/O USB bidirectional data 12 17 VSS S Ground 0V 13 18 HSYNCI I SYNC horizontal synchronisation input TTL levels Refer to Figure 16 14 19 VSYNCI I SYNC vertical synchronisation input 15 20 PD0/VSYNCO I/O Port D0 or SYNC vertical synchronisation output 16 21 PD1/HSYNCO I/O Port D1 or SYNC horizontal synchronisation output 17 22 PD2/CSYNCI I/O Port D2 or SYNC composite synchronisation input TTL levels with pull-up (SYNC input) 3 |
Número de pieza similar - ST72754S7T1 |
|
Descripción similar - ST72754S7T1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |