Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4563DY Datasheet(PDF) 9 Page - Vishay Siliconix

No. de pieza SI4563DY
Descripción Electrónicos  N- and P-Channel 40-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4563DY Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI4563DY Datasheet HTML 4Page - Vishay Siliconix SI4563DY Datasheet HTML 5Page - Vishay Siliconix SI4563DY Datasheet HTML 6Page - Vishay Siliconix SI4563DY Datasheet HTML 7Page - Vishay Siliconix SI4563DY Datasheet HTML 8Page - Vishay Siliconix SI4563DY Datasheet HTML 9Page - Vishay Siliconix SI4563DY Datasheet HTML 10Page - Vishay Siliconix SI4563DY Datasheet HTML 11Page - Vishay Siliconix SI4563DY Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 73513
S09-0393-Rev. C, 09-Mar-09
www.vishay.com
9
Vishay Siliconix
Si4563DY
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.3
0.6
0.9
1.2
1.5
10
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1
0.1
100
- 0.3
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
0.5
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.04
0.08
0.12
0.16
0.20
012
345
67
89
10
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
ID = 5 A
0
30
50
10
20
Time (s)
40
110
0.1
0.01
0.001
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
1 ms
TA = 25 °C
Single Pulse
10 ms
100 ms
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
1 s
10 s
Limited by RDS(on)*


Número de pieza similar - SI4563DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4563DY VISHAY-SI4563DY Datasheet
145Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4563DY-T1-E3 VBSEMI-SI4563DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
logo
Vishay Siliconix
SI4563DY VISHAY-SI4563DY_V01 Datasheet
145Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4563DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com