Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8T73S208B-01NLGI Datasheet(PDF) 9 Page - Integrated Device Technology

No. de pieza 8T73S208B-01NLGI
Descripción Electrónicos  2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208B-01NLGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 8T73S208B-01NLGI Datasheet HTML 5Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 6Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 7Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 8Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 9Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 10Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 11Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 12Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
©2016 Integrated Device Technology, Inc.
April 28, 2016
8T73S208B-01 Datasheet
Parameter Measurement Information
3.3 Core/3.3V LVPECL Output Load AC Test Circuit
Differential Input Level
Output Skew
2.5V Core/2.5V LVPECL Output Load AC Test Circuit
Propagation Delay
Pulse Skew
SCOPE
Qx
nQx
V
EE
VCC,
2V
-1.3V±0.165V
VCCO
V
CMR
Cross Points
V
IN
VCC
VEE
nIN
IN
nQx
Qx
nQy
Qy
SCOPE
Qx
nQx
V
EE
VCC,
2V
-0.5V ± 0.125V
VCCO
t
PD
nIN
IN
nQ[0:7]
Q[0:7]
t
PLH
t
PHL
tsk(p)= |tPHL - tPLH|
nIN
IN
nQy
Qy


Número de pieza similar - 8T73S208B-01NLGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
More results

Descripción similar - 8T73S208B-01NLGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com