Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8T74S208A-01NLGI Datasheet(PDF) 11 Page - Integrated Device Technology

No. de pieza 8T74S208A-01NLGI
Descripción Electrónicos  2.5V Differential LVDS Clock Divider and Fanout Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T74S208A-01NLGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 8T74S208A-01NLGI Datasheet HTML 7Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 8Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 9Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 10Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 11Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 12Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 13Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 14Page - Integrated Device Technology 8T74S208A-01NLGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
REVISION 2 08/17/16
11
2.5V DIFFERENTIAL LVDS CLOCK DIVIDER AND FANOUT BUFFER
8T74S208A-01 DATA SHEET
Applications Information
Differential Input with Built-In 50
 Termination Interface
The IN /nIN with built-in 50
 terminations accept LVDS, LVPECL,
CML and other differential signals. Both differential signals must
meet the VIN and VCMR requirements. Figure 4A to Figure 4C show
interface examples for the IN/nIN input with built-in 50
 terminations
driven by the most common driver types. The input interfaces
suggested here are examples only. If the driver is from another
vendor, use their termination recommendation. Please consult with
the vendor of the driver component to confirm the driver termination
requirements.
Figure 4A. IN/nIN Input with Built-In 50
 driven by an
LVDS Driver
Figure 4B. IN/nIN Input with Built-In 50
 Driven by a CML
Driver with Open Collector
Figure 4C. IN/nIN Input with Built-In 50
 driven by an
LVPECL Driver
2.5V
LVDS
3.3V or 2.5V
50
Ω
50
Ω
IN
nIN
VT
Receiver
w ith Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
2.5V
2.5V
IN
nIN
VT
Receiver
with Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
50
Ω
50
Ω
CML – Open Collector
2.5V
LVPECL
2.5V
50
Ω
50
Ω
IN
nIN
VT
Receiver
w ith Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
R1
18
Ω


Número de pieza similar - 8T74S208A-01NLGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
More results

Descripción similar - 8T74S208A-01NLGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
logo
Integrated Device Techn...
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
January 27, 2016
logo
Integrated Device Techn...
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com