Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8T74S208C-01NLGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

No. de pieza 8T74S208C-01NLGI8
Descripción Electrónicos  2.5 V Differential LVDS Clock Divider and Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T74S208C-01NLGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 8T74S208C-01NLGI8 Datasheet HTML 3Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 4Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 5Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 6Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 7Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 8Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 9Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 10Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
©2016 Integrated Device Technology, Inc.
August 22, 2016
8T74S208C-01 Datasheet
AC Electrical Characteristics
Table 5. AC Electrical Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
1
NOTE 1: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the
device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications
after thermal equilibrium has been reached under these conditions.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fREF
Input
Frequency
IN, nIN
1GHz
fSCL
I2C Clock Frequency
400
kHz
tJIT
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section, measured with
FSEL[1:0] = 00
fREF =156.25MHz,
Integration Range:
12kHz – 20MHz
96
120
fs
tPD
Propagation
Delay2
NOTE 2: Measured from the differential input crosspoint to the differential output crosspoint.
IN, nIN to
Qx, nQx
FSEL[1:0] = 00
420
700
ps
FSEL[1:0] = 01
580
880
ps
FSEL[1:0] = 10
680
1080
ps
FSEL[1:0] = 11
780
1180
ps
tsk(o)
Output Skew3, 4
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential crosspoint.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
45
ps
tsk(p)
Pulse Skew
FSEL[1:0] = 00
55
ps
tsk(pp)
Part-to-Part Skew4, 5, 6
NOTE 5: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cros-
spoint.
NOTE 6: Part-to-part skew specification does not guarantee divider synchronization among devices.
200
ps
odc
Output Duty Cycle7
NOTE 7: If FSEL[1:0] = 00 (divide-by-one), the output duty cycle will depend on the input duty cycle.
FSEL[1:0] = 00
50
%
FSEL[1:0] = 01
48
50
52
%
FSEL[1:0] = 10
48
50
52
%
FSEL[1:0] = 11
48
50
52
%
tPDZ
Output Enable and
Disable Time8
NOTE 8: Measured from SDA rising edge of I2C stop command.
Output Enable/ Disable State
from/ to Active/ Inactive
1µs
tR / tF
Output Rise/ Fall Time
20% to 80%
155
230
ps
10% to 90%
245
370
ps


Número de pieza similar - 8T74S208C-01NLGI8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
More results

Descripción similar - 8T74S208C-01NLGI8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com