Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8V79S680NLGI Datasheet(PDF) 9 Page - Integrated Device Technology

No. de pieza 8V79S680NLGI
Descripción Electrónicos  JESD204B Compliant Fanout Buffer and Divider
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8V79S680NLGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 8V79S680NLGI Datasheet HTML 5Page - Integrated Device Technology 8V79S680NLGI Datasheet HTML 6Page - Integrated Device Technology 8V79S680NLGI Datasheet HTML 7Page - Integrated Device Technology 8V79S680NLGI Datasheet HTML 8Page - Integrated Device Technology 8V79S680NLGI Datasheet HTML 9Page - Integrated Device Technology 8V79S680NLGI Datasheet HTML 10Page - Integrated Device Technology 8V79S680NLGI Datasheet HTML 11Page - Integrated Device Technology 8V79S680NLGI Datasheet HTML 12Page - Integrated Device Technology 8V79S680NLGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
©2016 Integrated Device Technology, Inc
August 4, 2016
8V79S680 Datasheet
QCLK to SYSREF Phase Alignment
To achieve an output phase alignment between the QCLK_y clock and the QREF_r SYSREF outputs, the CLK and REF input signals must be phase
aligned or have a known, deterministic phase relationship. Figure 4 shows an example output phase alignment for aligned clock and SYREF inputs.
The closest (smallest phase error) output alignment is achieved by setting the clock phase delay register
QCLK_Y to 0x00 (clock) and the SYSREF
phase delay register
QCLK_Y to 0x04. With a SYSREF phase delay setting of 0x03 or less, the QREF_r output phase is in advance of the QCLK_y
phase, which is applicable in JESD204B application. Phase delay settings and propagation delays are independent on the clock and SYSREF
frequencies. Table 6 shows recommended phase delay setting several device configurations.
Figure 4: QCLK to QREF Phase Alignment
Table 6: Recommended Delay Settings for Closest Clock-SYSREF Output Phase Alignmenta
a. QCLK and QREF outputs are aligned on the incident edge.
Divider Configuration
CLK_y
REF_r
N = ÷1
0x00
0x04
CLK
983.04MHz
REF
7.68MHz
QCLK_y
QCLK_y = 0x00
QREF_r
REF_r = 0x04
QCLK_y
QCLK_y = 0x00
QREF_r
REF_r = 0x03
QREF_r
REF_r = 0x02
1017 ps
tPD ~ 550ps
Input Phase
Alignment
Output Phase
Alignment
QREF_r in advance of QCLK_y
131ps
262ps
tPD ~ 900ps + (4·131)ps


Número de pieza similar - 8V79S680NLGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
8V79S680NLGI IDT-8V79S680NLGI Datasheet
698Kb / 49P
   JESD204B-Compliant Fanout Buffer and Divider
8V79S680NLGI8 IDT-8V79S680NLGI8 Datasheet
698Kb / 49P
   JESD204B-Compliant Fanout Buffer and Divider
More results

Descripción similar - 8V79S680NLGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
8V79S680 IDT-8V79S680_17 Datasheet
698Kb / 49P
   JESD204B-Compliant Fanout Buffer and Divider
logo
Renesas Technology Corp
8V79S680 RENESAS-8V79S680 Datasheet
1Mb / 46P
   JESD204B Compliant Fanout Buffer and Divider
January 11, 2019
8V79S683 RENESAS-8V79S683 Datasheet
1Mb / 53P
   JESD204B/C Compliant Fanout Buffer and Divider
September 13, 2021
8T49NS010 RENESAS-8T49NS010 Datasheet
925Kb / 38P
   Clock Synthesizer and Fanout Buffer/Divider
10/15/15
8V74S4622 RENESAS-8V74S4622 Datasheet
587Kb / 17P
   Clock Fanout Buffer/Frequency Divider
05/11/15
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
   LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
logo
Renesas Technology Corp
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
   LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
8T73S1802 RENESAS-8T73S1802 Datasheet
1Mb / 25P
   1:2 Clock Fanout Buffer and Frequency Divider
January 21, 2018
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
logo
Integrated Device Techn...
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com