Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI6966DQ Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI6966DQ
Descripción Electrónicos  Dual N-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6966DQ Datasheet(HTML) 5 Page - Vishay Siliconix

  SI6966DQ Datasheet HTML 1Page - Vishay Siliconix SI6966DQ Datasheet HTML 2Page - Vishay Siliconix SI6966DQ Datasheet HTML 3Page - Vishay Siliconix SI6966DQ Datasheet HTML 4Page - Vishay Siliconix SI6966DQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 13-Jun-16
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of
typical requirements that are often placed on Vishay products in generic applications. Such statements are not binding
statements about the suitability of products for a particular application. It is the customer’s responsibility to validate that a
particular product with the properties described in the product specification is suitable for use in a particular application.
Parameters provided in datasheets and / or specifications may vary in different applications and performance may vary over
time. All operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk.
Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for
such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document
or by any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Número de pieza similar - SI6966DQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SI6966DQ FAIRCHILD-SI6966DQ Datasheet
80Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
logo
Vishay Siliconix
SI6966DQ VISHAY-SI6966DQ Datasheet
103Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6966DQ-T1-GE3 VBSEMI-SI6966DQ-T1-GE3 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI6966DQ VISHAY-SI6966DQ_V01 Datasheet
103Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI6966DQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com