Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576HV Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LM2576HV
Descripción Electrónicos  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2576HV Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2576HV Datasheet HTML 2Page - National Semiconductor (TI) LM2576HV Datasheet HTML 3Page - National Semiconductor (TI) LM2576HV Datasheet HTML 4Page - National Semiconductor (TI) LM2576HV Datasheet HTML 5Page - National Semiconductor (TI) LM2576HV Datasheet HTML 6Page - National Semiconductor (TI) LM2576HV Datasheet HTML 7Page - National Semiconductor (TI) LM2576HV Datasheet HTML 8Page - National Semiconductor (TI) LM2576HV Datasheet HTML 9Page - National Semiconductor (TI) LM2576HV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
All Output Voltage Versions
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Temperature
Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V version, and VIN
= 30V for the 15V version. I
LOAD = 500 mA.
Symbol
Parameter
Conditions
LM2576-XX
Units
(Limits)
LM2576HV-XX
Typ
Limit
(Note 2)
DEVICE PARAMETERS
θ
JA
Thermal Resistance
T Package, Junction to Ambient (Note 8)
65
θ
JA
T Package, Junction to Ambient (Note 9)
45
˚C/W
θ
JC
T Package, Junction to Case
2
θ
JA
S Package, Junction to Ambient (Note 10)
50
ON /OFF CONTROL Test Circuit Figure 2
V
IH
ON /OFF Pin
V
OUT = 0V
1.4
2.2/2.4
V(Min)
V
IL
Logic Input Level
V
OUT = Nominal Output Voltage
1.2
1.0/0.8
V(Max)
I
IH
ON /OFF Pin Input
ON /OFF Pin = 5V (OFF)
12
µA
Current
30
µA(Max)
I
IL
ON /OFF Pin = 0V (ON)
0µA
10
µA(Max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
Note 3: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the
LM2576/LM2576HV is used as shown in the Figure 2 test circuit, system performance will be as shown in system parameters section of Electrical Characteristics.
Note 4: Output pin sourcing current. No diode, inductor or capacitor connected to output.
Note 5: Feedback pin removed from output and connected to 0V.
Note 6: Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for the 12V and 15V versions, to force the
output transistor OFF.
Note 7: VIN = 40V (60V for high voltage version).
Note 8: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with 12 inch leads in a socket, or on a PC
board with minimum copper area.
Note 9: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with 14 inch leads soldered to a PC board
containing approximately 4 square inches of copper area surrounding the leads.
Note 10: If the TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally connected to the package. Using
0.5 square inches of copper area,
θJA is 50˚C/W, with 1 square inch of copper area, θJA is 37˚C/W, and with 1.6 or more square inches of copper area, θJA is 32˚C/W.
Note 11: The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an overload which causes the regulated output voltage to drop
approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the IC by lowering the minimum duty cycle
from 5% down to approximately 2%.
Typical Performance Characteristics
(Circuit of Figure 2)
Normalized Output Voltage
Line Regulation
01147627
01147628
www.national.com
6


Número de pieza similar - LM2576HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576HV ARTSCHIP-LM2576HV Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Shenzhen Huazhimei Semi...
LM2576HV HMSEMI-LM2576HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
More results

Descripción similar - LM2576HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
   SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com