Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QVS212CG8R2CDHT Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza QVS212CG8R2CDHT
Descripción Electrónicos  High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QVS212CG8R2CDHT Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  QVS212CG8R2CDHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QVS212CG8R2CDHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG8R2CDHT
Features
Item Summary
8.2pF±0.25pF, 250V,
C0G/CG, 0805/2012 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 4000pcs
Products characteristics table
Capacitance
8.2 pF ± 0.25pF
Case Size (EIA/JIS)
0805/2012
Rated Voltage
250 V
Q (min)
964 at 1MHz
Temperature Characteristic (EIA)
C0G
Operating Temp. Range (EIA)
-55 to +125 ℃
Temperature Characteristic (JIS)
CG
Operating Temp. Range (JIS)
-55 to +125 ℃
Temperature Characteristic
0 ±30 ppm/℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.0 ±0.10 mm
Dimension W
1.25 ±0.10 mm
Dimension T
0.85 ±0.10 mm
Dimension e
0.50 ±0.25 mm
2016.11.30
1 / 1


Número de pieza similar - QVS212CG8R2CDHT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG8R2CD8T TAIYO-YUDEN-QVS212CG8R2CD8T Datasheet
398Kb / 3P
   High Frequency Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Descripción similar - QVS212CG8R2CDHT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
QVS107CG0R9CCHT TAIYO-YUDEN-QVS107CG0R9CCHT Datasheet
277Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG0R5CDHT TAIYO-YUDEN-QVS212CG0R5CDHT Datasheet
278Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG220JCHT TAIYO-YUDEN-QVS107CG220JCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R8BCHT TAIYO-YUDEN-QVS107CG1R8BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG3R3CCHT TAIYO-YUDEN-QVS107CG3R3CCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG030BCHT TAIYO-YUDEN-QVS107CG030BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG390JDHT TAIYO-YUDEN-QVS212CG390JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG0R9BCHT TAIYO-YUDEN-QVS107CG0R9BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG101JCHT TAIYO-YUDEN-QVS107CG101JCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R1CCHT TAIYO-YUDEN-QVS107CG1R1CCHT Datasheet
278Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com