Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA-9E4AD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza BA-9E4AD
Descripción Electrónicos  LED LIGHT BAR & BAR GRAPH ARRAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

BA-9E4AD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BA-9E4AD Datasheet HTML 1Page - List of Unclassifed Manufacturers BA-9E4AD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AD-01
BA- 10x1UD
AD-02
BA- 5x5UD
AD-03
BA- 12x3UD
AD-04
BA- 12x3UD-A
AD-05
BA-9x4A
CD
AD-06
BA- 15x15UD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
10.16(.400)
25.30(.996)
1.78(.070)
2.54(.100)
5.1(.200)
7.62(.300)
8.0(.315)
3.0(.120) MIN.
0.25(.010)
0.50(.020)
2.54(.100)
A
B
C
D
E
F
G
H
I
J
+PIN 1.
20 19 18 17 16 15 14 13 12 11
123456789 10
A BCD E F G H I
J
D
3
12
4
5 6
A
C
B
AB C D
NP: 12.
10
7 8
9
13
11
14 15
19
1617 18
20 21
EF
EF G H
G H
K
J
IL
J
I
K
L
56.00(2.205)
58.00(2.283)
2.54x20=50.80(2.00)
5.00(.197)
7.00(.276)
1.50(.059)
4.00(.157)
8.00(.315)
3.00(.118)MIN.
E0.50(.020)
1.60(.063)
0.50(.020)
4.30x11=47.30(1.862)
PIN.1
1
A
4
3
2
C
B
D
7
6
5
F
E
G
9
8
H I
10
E
B
AC D
H
FG
I
9.00(.354)
11.00(.433)
7.00(.276)
41.40(1.630)
43.40(1.709)
2.50(.098)
8.00(.315)
4.50x8=36.00(1.417)
0.50(.020)
4.5(.177)x9=40.5(1.59)
E0.5(.02)
3.00(.118) MIN.
+
PIN.1
BA-9x4AD
PIN 1.
30 29 28 27 26 25 24 23 22 21
123456789 10
A BCD E F G H J
K
A BCD E F G H J K
BA-15D15UD
MN P Q R
5.1(.200)
1.78(.070)
2.54(.100)TYP.
2.54(.100)x14=35.56(1.400)
38.1(1.500) MAX.
6.223 0.127
A
7.62(.300)
10.16(.400)
0.381(.015)
(0.245 .005)
A
20
M
11
N
12
P
13
19 18
Q
14
R
15
17 16
3.00(.118)
MIN.
0.50(.020)
+
A B C D E
10 98 76
12 3
4 5
AB C
D E
PIN 1
7.90(.311)
3.00(.116)MIN.
E0.5(.020)
2.54x4=10.16(.400)
1.70(.067)
12.70(.500)
5.0(.197)
10.10(.398)
2.54x4=10.16(.400)
7.62(.300)
+
K
F
6
5
4
2
1
3
A
B CD
AC
B
DE
18
17
16
15
14
12 13
9
8
710
NP: 11.
F
E
G
GH IJ K
HI
J
L
21
20
19
L
0.50(.020)
3.00(.118)MIN.
8.00(.315)
5.00(.197)
4.30x11=47.30(1.862)
4.00(.157)
2.54x20=50.80(2.00)
58.00(2.283)
56.00(2.205)
E0.50 (.020)
PIN.1
1.50(.059)
1.60(.063)
7.00(.276)
0.25(.010)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Número de pieza similar - BA-9E4AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
BA-9W-K FUJITSU-BA-9W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Descripción similar - BA-9E4AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yellow Stone Corp
BA-2R2UW YSTONE-BA-2R2UW Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
Kingbright Corporation
DD-12HWB KINGBRIGHT-DD-12HWB Datasheet
124Kb / 4P
   12SEGMENT BAR GRAPH ARRAYS
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-201UX LUCKY-LIGHT-KWL-201UX Datasheet
43Kb / 1P
   Light Bar Graph Array Display
logo
LIGITEK electronics co....
LBD1301-24S-XX LIGITEK-LBD1301-24S-XX Datasheet
141Kb / 8P
   BAR GRAPH LED DISPLAY
logo
Lucky Light Electronic
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
logo
P-tec Corporation
PB65-BGA10G13 P-TEC-PB65-BGA10G13 Datasheet
30Kb / 1P
   LED Rectangular Bar Graph Array
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com