Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC06ADTR2G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza 74LVC06ADTR2G
Descripción Electrónicos  Low-Voltage CMOS Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC06ADTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  74LVC06ADTR2G Datasheet HTML 1Page - ON Semiconductor 74LVC06ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC06ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC06ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC06ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC06ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC06ADTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
December, 2015 − Rev. 0
1
Publication Order Number:
74LVC06A/D
74LVC06A
Low-Voltage CMOS Hex
Inverter with Open Drain
Outputs
With 5 V − Tolerant Inputs
The 74LVC06A is a high performance hex inverter operating from a
1.2 V to 5.5 V supply. High impedance TTL compatible inputs
significantly reduce current loading to input drivers. These LCX
devices have open drain outputs which provide the ability to set output
levels, or do active−HIGH AND or active−LOW OR functions. A VI
specification of 5.5 V allows 74LVC06A inputs to be safely driven
from 5.0 V devices.
Features
Designed for 1.2 V to 5.5 V VCC Operation
5.0 V Tolerant Inputs/Outputs
32 mA Output Sink Capability
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
Latchup Performance Exceeds 250 mA
Wired−OR, Wired−AND
Output Level Can Be Set Externally Without Affecting Speed of
Device
Functionally Compatible with LCX05
ESD Performance:
Human Body Model >2000 V;
Machine Model >200 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
13
14
12
11
10
9
8
2
1
3
4
567
VCC
A3
O3
A4
O4
A5
O5
A0
O0
A1
O1
A2
O2
GND
Figure 1. Pinout: 14−Lead (Top View)
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
LVC
06A
ALYW
G
G
LVC06A
AWLYWW
14
1
1
14
www.onsemi.com
(Note: Microdot may be in either location)


Número de pieza similar - 74LVC06ADTR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC06AD PHILIPS-74LVC06AD Datasheet
71Kb / 16P
   Hex inverter with open-drain outputs
2000 Mar 07
logo
Nexperia B.V. All right...
74LVC06AD NEXPERIA-74LVC06AD Datasheet
234Kb / 12P
   Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
74LVC06AD-Q100 NEXPERIA-74LVC06AD-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
More results

Descripción similar - 74LVC06ADTR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
REV 1
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
   Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
MC74LCX14 ONSEMI-MC74LCX14_12 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com