Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHCT240A Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC74VHCT240A
Descripción Electrónicos  Octal Bus Buffer/Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT240A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT240A_15 Datasheet HTML 1Page - ON Semiconductor MC74VHCT240A_15 Datasheet HTML 2Page - ON Semiconductor MC74VHCT240A_15 Datasheet HTML 3Page - ON Semiconductor MC74VHCT240A_15 Datasheet HTML 4Page - ON Semiconductor MC74VHCT240A_15 Datasheet HTML 5Page - ON Semiconductor MC74VHCT240A_15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHCT240A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
VIH
Minimum High−Level Input
Voltage
4.5 to 5.5
2.0
2.0
V
VIL
Maximum Low−Level Input
Voltage
4.5 to 5.5
0.8
0.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH or VIL
IOH = − 50mA
4.5
4.4
4.5
4.4
V
IOH = − 8mA
4.5
3.94
3.80
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
IOL = 50mA
4.5
0.0
0.1
0.1
V
IOL = 8mA
4.5
0.36
0.44
Iin
Maximum Input Leakage Current
Vin = 5.5 V or GND
0 to 5.5
± 0.1
± 1.0
mA
IOZ
Maximum 3−State Leakage
Current
Vin = VIL or VIH
Vout = VCC or GND
5.5
±
0.25
± 2.5
mA
ICC
Maximum Quiescent Supply
Current
Vin = VCC or GND
5.5
4.0
40.0
mA
ICCT
Quiescent Supply Current
Per Input: VIN = 3.4V
Other Input: VCC or GND
5.5
1.35
1.50
mA
IOPD
Output Leakage Current
VOUT = 5.5V
0
0.5
5.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Maximum Propagation Delay
A to YA or B to YB
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.6
6.1
7.8
8.8
1.0
1.0
9.0
10.0
ns
tPZL,
tPZH
Output Enable Time
OEA to YA or OEB to YB
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kW
CL = 50pF
7.7
8.2
10.4
11.4
1.0
1.0
12.0
13.0
ns
tPLZ,
tPHZ
Output Disable Time
OEA to YA or OEB to YB
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kW
8.8
11.4
1.0
13.0
ns
tOSLH,
tOSHL
Output to Output Skew
VCC = 5.0 ± 0.5V
CL = 50pF
(Note 1)
1.0
1.0
ns
Cin
Maximum Input Capacitance
4
10
10
pF
Cout
Maximum Three−State Output
Capacitance (Output in
High−Impedance State)
9
pF
CPD
Power Dissipation Capacitance (Note 2)
Typical @ 25
°C, VCC = 5.0V
pF
19
1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 8 (per bit). CPD is used to determine the no−load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Symbol
Parameter
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.9
1.1
V
VOLV
Quiet Output Minimum Dynamic VOL
− 0.9
− 1.1
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V


Número de pieza similar - MC74VHCT240A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
More results

Descripción similar - MC74VHCT240A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240 Datasheet
173Kb / 6P
   Octal Bus Buffer/Line Driver
1997 REV 0
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
   Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
MC74VHCT240A ONSEMI-MC74VHCT240A Datasheet
168Kb / 6P
   Octal Bus Buffer/Line Driver
1997 REV 0
logo
Diodes Incorporated
74LVCH244A DIODES-74LVCH244A Datasheet
469Kb / 10P
   OCTAL BUFFER/LINE DRIVER WITH BUS HOLD
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com