Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDRCP-HS-28-105 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

No. de pieza TDRCP-HS-28-105
Descripción Electrónicos  HOT SWAP 1U, RACK MOUNT SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TECHNOLOGY [Technology Dynamics Inc.]
Página de inicio  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TDRCP-HS-28-105 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  TDRCP-HS-28-105 Datasheet HTML 1Page - Technology Dynamics Inc. TDRCP-HS-28-105 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+
SWITCHING POWER SUPPLIES
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
TDRCP-HS SERIES
1000-3000 WATT SINGLE OUTPUT
HOT SWAP 1U, RACK MOUNT
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: Universal Input Range 100-240 VAC / 127-370 VDC
Input Frequency: 47-63Hz
Inrush Current: 50 A (cold start)
Input Current: 25 A max @ 115VAC 40 A max @ 230VAC
Efficiency: 83-90% typical (depending on output model)
Leakage Current: <1.1 mA maximum @ 240 VAC
Hold-up time: 16ms at full load (minimum)
Operating Temperature: -20°C to +50°C. Derate to 50% at +70°C
Storage Temperature: -40°C to +85°C max 95% Relative Humidity
Cooling: Internal ball bearing DC fan
Humidity: 20-90% RH non condensing
Vibration: 10-500Hz, 2G 10min/1cycle for 60 min (3 axes)
Shock: 20G Peak Acceleration (Standard Unit)
Weight: Approx: 21 Lbs. (3 module rack)
Size: 14” x 19” x 1.75”
OUTPUT SPECIFICATIONS
Minimum Load: none
Regulation: Line ±0.5% Load ±0.5% Typical
Ripple/Noise: 200 mV peak to peak maximum (20 MHz)
Set Point Accuracy: ± 1% (except 5 V = ± 2%) (maximum)
Output voltage adj: ± 10% minimum (each module)
Overcurrent Protection: 105-125% automatic recovery Constant Current
Overlvoltage Protection: 115-150% of V1 nominal
Overtemperature Protection: Heatsink Temp. 75°C ± 5°C Auto Recovery
STANDARD FEATURES
APPLICATIONS
Universal AC Input / Full Range
Active PFC for EM61000-3-2,-3
Built in DC Fan for Cooling
Current Share Function
AC-DC Good Signal
Remove ON / OFF & Remote Sense Functions
5 V / 0.5 A Auxiliary Output
Battery Back-Up (LVBD)
Ruggedized for Shock and Vibration
400 Hz Operation
Conformal Coating
SAFETY AND EMISSIONS
Designed to meet UL/cUL60950-1
Designed to meet TUV EN60950-1
Designed to meet CB Report (IEC 60950-1)
(N+1) Redundant, Parallel Operations
Internal Oring Diode
Designed to meet CE Mark (LVD)
Designed to meet EN55022
Class B (CISPR 22 B)
File: A5269
The TDRCP-HS Series of Hot Swap Rack Mount
AC-DC
power
supplies
provides
highly
regulated output power to 1000 watts per
module. Rugged construction and superior
quality make this power supply ideal for harsh
environment applications. Available in standard,
modified or fully custom configurations, for
industrial, comercial, COTS, ruggedized and
millitary applications.
Harmonics: EN 61000-2-3,-3 Class D Compliant (0.99 PF Typical)
SPE


Número de pieza similar - TDRCP-HS-28-105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
   Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
logo
Mean Well Enterprises C...
TDR-240 MEANWELL-TDR-240 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-240-24 MEANWELL-TDR-240-24 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-240-48 MEANWELL-TDR-240-48 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-480 MEANWELL-TDR-480 Datasheet
651Kb / 4P
   THREE-PHASE 340~550VAC WIDE RANGE UNPUT(DUAL PHASE OPERATION POSSIBLE)
More results

Descripción similar - TDRCP-HS-28-105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
logo
Technology Dynamics Inc...
PTCP-HS-5-180 TECHNOLOGY-PTCP-HS-5-180 Datasheet
173Kb / 2P
   HOT SWAP POWER SYSTEMS
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Maxim Integrated Produc...
MAX5911EVKIT MAXIM-MAX5911EVKIT Datasheet
1Mb / 7P
   Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
logo
Texas Instruments
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com