Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB240L Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

No. de pieza SB240L
Descripción Electrónicos  2.0 AMP. L O W V F Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB240L Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SB240L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB240L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
2of2
5.0
10
FIG. 3
MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.1
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
1.0
SB280L- SB2100L
TA = 25
FIG. 1 - FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
2.0
0.5
0
2.5
1.5
1.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE (
)
C
°
2200L
2150L
SB
-
SB240L-250L
SB 260L
75
60
45
30
15
1
2
4
6
8 10
20
60 80 100
40
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T=25 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
T=75 C
J
O
T =125 C
J
O
FIG.4TYPICALREVERSE CHRACTERISTIC
www.dyelec.com
SB 2 4 0L THRU SB 2 2 00L


Número de pieza similar - SB240L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chongqing Pingwei Enter...
SB240L CHONGQING-SB240L Datasheet
177Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SB240L MCC-SB240L Datasheet
384Kb / 3P
   2 Amp Schottky Rectifier 20V-100V
logo
Shenzhen Yixinwei Techn...
SB240L YIXIN-SB240L Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB240L-CA2-R UTC-SB240L-CA2-R Datasheet
122Kb / 4P
   2.0A SCHOTTKY BARRIER RECTIFIER
SB240L-CB2-R UTC-SB240L-CB2-R Datasheet
122Kb / 4P
   2.0A SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SB240L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
SR240L DYELEC-SR240L Datasheet
588Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SR240SL DYELEC-SR240SL Datasheet
620Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SB240SL DYELEC-SB240SL Datasheet
620Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SB8L40L DYELEC-SB8L40L Datasheet
609Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR15L40 DYELEC-SR15L40 Datasheet
667Kb / 2P
   15.0 AMP. L O W V F Schottky Barrier Rectifiers
SR140L DYELEC-SR140L Datasheet
631Kb / 2P
   1.0 AMP. L O W V F Schottky Barrier Rectifiers
SR8L40 DYELEC-SR8L40 Datasheet
609Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR10L40 DYELEC-SR10L40 Datasheet
666Kb / 2P
   10.0 AMP. L O W V F Schottky Barrier Rectifiers
SB10L40L DYELEC-SB10L40L Datasheet
667Kb / 2P
   10.0 AMP. L O W V F Schottky Barrier Rectifiers
SB15L40L DYELEC-SB15L40L Datasheet
668Kb / 2P
   15.0 AMP. L O W V F Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com