Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB1020 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

No. de pieza SB1020
Descripción Electrónicos  10.0 AMP.Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB1020 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SB1020 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB1020 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.85
0.92
1040
SB
30
1030
SB
SB102 0 THRU SB102 00
version:01
1of2
www.dyelec.com
Peak Reverse Current
@T
· Metal silicon rectifier,majority carrier conduction
· Guard ring for transient protection
· Low power loss,high efficiency
· High surge capability
· High current capability,low VF
· For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
Mechanical Data
· Case: Molded plastic DO-201AD
· Polarity: Color band dentes cathode end
· Mounting Position: Any
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
1020
1045 1050 1060 1080 10100
Unit
VRRM
40
45
50
60
80
100
V
VRMS
28
31.5
35
42
56
70
V
VDC
14
21
40
45
50
60
80
100
V
IO
A
IFSM
A
VFM
V
CJ
pF
RθJA
℃/W
TJ
10.0 AMP.Schottky Barrier Rectifiers
Features
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current.375"(9.5mm) lead length@TA=95
10.0
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
150
Forward Voltage
@IF=10.0A(Note 1)
0.55
A
=25
0.3
0.7
/Storage Temperature Range
-55 to +150
Note:1. 300us Pulse Width,2%Duty Cycle
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
At Rated DC Blocking Voltage @TA=100
10
Typical Junction Capacitance (Note2)
Typical Thermal Resistance Junction to case
3.0
450
IR
mA
Operating Temperature Range
0.05
5
TSTG
-55 to +150
Plastic material-UL flammability 94V-0
·
SB
20
30
20
SB
SB
SB
SB
SB
10150
150
105
150
SB
10200
200
140
200
SB
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)


Número de pieza similar - SB1020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1020 TRSYS-SB1020 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1020 WTE-SB1020 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 WTE-SB1020 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB1020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
10SQ030 DYELEC-10SQ030 Datasheet
482Kb / 2P
   10.0 AMP.Schottky Barrier Rectifiers
SR1020 DYELEC-SR1020 Datasheet
577Kb / 2P
   10.0 AMP.Schottky Barrier Rectifiers
15SQ030 DYELEC-15SQ030 Datasheet
489Kb / 2P
   15.0 AMP.Schottky Barrier Rectifiers
12SQ030 DYELEC-12SQ030 Datasheet
503Kb / 2P
   12.0 AMP.Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com