Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3018 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2SK3018
Descripción Electrónicos  N-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SK3018 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SK3018 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK3018 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK3018 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK3018 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK3018 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-323 Plastic-Encapsulate
MOSFETS
2SK3018 N-channel MOSFET
SOT-323
1. GATE
2. SOURCE
3. DRAIN
MOSFET MAXIMUM RATINGS (Ta = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
0.1
A
PD
Power Dissipation
0.2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
RθJA
Thermal Resistance
from Junction to Ambient
625
℃ /W
www.cj-elec.com
1
D,Apr,2015
M
ARKING
Equivalent Circuit
FEATURE
Low on-resistance
Fast switching speed
Low voltage drive makes this device ideal for
Easily designed drive circuits
Easy to parallel
Portable equipment
V(BR)DSS
RDS(on)MAX
ID
30 V
 
8Ω@4V 
100mA
13Ω@2.5V 
 
Interfacing , Switching
APPLICATION


Número de pieza similar - 2SK3018

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
logo
Shenzhen Tuofeng Semico...
2SK3018 TUOFENG-2SK3018 Datasheet
2Mb / 4P
   N-Channel 30-V(D-S) MOSFET
Mar,2018 V1.0
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
logo
Shenzhen Luguang Electr...
2SK3018 LUGUANG-2SK3018 Datasheet
1Mb / 5P
   SOT-323 Plastic-Encapsulate N-channel MOSFETS
Revision:20220701-P1
logo
Guangdong Kexin Industr...
2SK3018 KEXIN-2SK3018 Datasheet
81Kb / 2P
   N-Channel MOSFET
More results

Descripción similar - 2SK3018

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com