Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2672N-5.0 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2672N-5.0
Descripción Electrónicos  SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2672N-5.0 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2672N-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2672N-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2672N-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2672N-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2672N-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2672N-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM2672N-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LM2672N-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LM2672N-5.0 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Typical Performance Characteristics
(Circuit of Figure 2)
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD =1A
L=47µH, C
OUT = 68 µF, COUTESR=50m
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 300 mA
L=15µH, C
OUT = 68 µF (2x), COUTESR=25m
01293418
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.5 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
01293419
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.5 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT = 5V, ILOAD =1A
L=47µH, C
OUT = 68 µF, COUTESR=50m
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V,
L=47µH, C
OUT = 68 µF, COUTESR=50m
01293420
A: Output Voltage, 100 mV/div, AC-Coupled
B: Load Current: 200 mA to 1A Load Pulse
Horizontal Time Base: 50 µs/div
01293421
A: Output Voltage, 100 mV/div, AC-Coupled
B: Load Current: 100 mA to 300 mA Load Pulse
Horizontal Time Base: 200 µs/div
www.national.com
8


Número de pieza similar - LM2672N-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2672N-5.0 NSC-LM2672N-5.0 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672N-5.0 NSC-LM2672N-5.0 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672N-5.0 TI1-LM2672N-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672N-5.0 TI-LM2672N-5.0 Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
logo
National Semiconductor ...
LM2672N-5.0 NSC-LM2672N-5.0 Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
More results

Descripción similar - LM2672N-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com