Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9ZXL1930 Datasheet(PDF) 11 Page - Integrated Device Technology

No. de pieza 9ZXL1930
Descripción Electrónicos  19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1930 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9ZXL1930_15 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1930_15 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1930_15 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1930_15 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1930_15 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1930_15 Datasheet HTML 12Page - Integrated Device Technology 9ZXL1930_15 Datasheet HTML 13Page - Integrated Device Technology 9ZXL1930_15 Datasheet HTML 14Page - Integrated Device Technology 9ZXL1930_15 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
9ZXL1930
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
IDT®
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
11
9ZXL1930
REV D 112015
General SMBus Serial Interface Information
How to Write
Controller (host) sends a start bit
Controller (host) sends the write address
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller (host) sends the byte count = X
IDT clock will acknowledge
Controller (host) starts sending Byte N through Byte
N+X-1
IDT clock will acknowledge each byte one at a time
Controller (host) sends a Stop bit
How to Read
Controller (host) will send a start bit
Controller (host) sends the write address
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller (host) will send a separate start bit
Controller (host) sends the read address
IDT clock will acknowledge
IDT clock will send the data byte count = X
IDT clock sends Byte N+X-1
IDT clock sends Byte 0 through Byte X (if X(H) was
written to Byte 8)
Controller (host) will need to acknowledge each byte
Controller (host) will send a not acknowledge bit
Controller (host) will send a stop bit
Index Block Write Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT bit
Slave Address
WR
WRite
ACK
Beginning Byte = N
ACK
Data Byte Count = X
ACK
Beginning Byte N
ACK
O
O
O
O
O
O
Byte N + X - 1
ACK
PstoP bit
Index Block Read Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT bit
Slave Address
WR
WRite
ACK
Beginning Byte = N
ACK
RT
Repeat starT
Slave Address
RD
ReaD
ACK
Data Byte Count=X
ACK
Beginning Byte N
ACK
O
O
O
O
O
O
Byte N + X - 1
N
Not acknowledge
PstoP bit


Número de pieza similar - 9ZXL1930_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
9ZXL1930BKLF RENESAS-9ZXL1930BKLF Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL1930BKLFT RENESAS-9ZXL1930BKLFT Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1930DKILF IDT-9ZXL1930DKILF Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZXL1930DKILF RENESAS-9ZXL1930DKILF Datasheet
1Mb / 35P
   15 to 19-Output Buffers for PCIe Gen1–5 and UPI
August 25, 2020
More results

Descripción similar - 9ZXL1930_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9Z61195D RENESAS-9Z61195D Datasheet
691Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1–4 and UPI for Dell Servers
September 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com