Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9ZXL1231AKILFT Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza 9ZXL1231AKILFT
Descripción Electrónicos  12-output DB1200ZL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1231AKILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  9ZXL1231AKILFT Datasheet HTML 1Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 2Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 3Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 4Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 5Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 6Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 7Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 8Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
12-OUTPUT DB1200ZL
2
REVISION J 05/25/16
9ZXL1231 DATASHEET
Pin Configuration
Power Management Table
Functionality at Power-up (PLL mode)
Power Connections
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
VDDA 148 GND
GNDA 247 DIF_7#
NC 346 DIF_7
100M_133M# 445 vOE7#
HIBW_BYPM_LOBW# 544 vOE6#
CKPWRGD_PD# 643 DIF_6#
GND 742 DIF_6
VDDR 841 GND
DIF_IN 940 VDD
DIF_IN# 10
39 DIF_5#
SMB_A0_tri 11
38 DIF_5
SMBDAT 12
37 vOE5#
SMBCLK 13
36 vOE4#
SMB_A1_tri 14
35 DIF_4#
DFB_OUT_NC# 15
34 DIF_4
DFB_OUT_NC 16
33 GND
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldowm
9ZXL1231
connect epad to ground
9x9mm 64-pin VFQFPN
CKPWR GD_PD#
DIF_IN/
DIF_IN#
SMBus
EN bit
DIF(11:0)/
DIF(11:0)#
PLL STATE
IF NOT IN
BYPASS
MODE
0X
X
Low/Low
OFF
0Low/Low
ON
1Running
ON
Running
1
100M_133M#
DIF_IN
MHz
DIF(11:0)
1
100.00
DIF_IN
0
133.33
DIF_IN
VDD
VDDIO
GND
12
Analog PLL
8
7
Analog Input
24,40,57
25,32,49,56 23,33,41,48,58
DIF clocks
Pin Number
Description


Número de pieza similar - 9ZXL1231AKILFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
9ZXL1231AKILFT RENESAS-9ZXL1231AKILFT Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
More results

Descripción similar - 9ZXL1231AKILFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Silicon Laboratories
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Renesas Technology Corp
9ZXL1251 RENESAS-9ZXL1251 Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
   12-Output DB1200ZL for PCIe Gen1?? and UPI
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com