Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1550IRZ-EVALZ Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL1550IRZ-EVALZ
Descripción Electrónicos  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1550IRZ-EVALZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL1550IRZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL1550
9
FN6795.0
March 16, 2012
Typical Performance Curves VCC = ±6V, See Figure 3, Gain = 5V/V (Differential), Rf = 1.5kΩ, R
LOAD = 100Ω,
TA = +25°C, C0 and C1 Varied, unless otherwise noted.
FIGURE 27. OFF-ISOLATION
FIGURE 28. DIFFERENTIAL OUTPUT IMPEDANCE
FIGURE 29. POWER ON
FIGURE 30. POWER OFF
FIGURE 31. OVERDRIVE RECOVERY
FIGURE 32. QUIESCENT CURRENT vs TEMPERATURE
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
100k
1M
10M
100M
1G
VS = ±6V
AV = 5
RF = 750
Ω
RLOAD = 100Ω
VIN = 1VP-P DIFF
FREQUENCY (Hz)
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
13.5
100k
1M
10M
100M
FULL POWER
MEDIUM POWER
LOW POWER
VS = ±6V
RF = 750
Ω
RG = 374Ω
RL = 100Ω DIFF
FREQUENCY (Hz)
T = 0s
C0, C1 PIN
2V/DIV
OUTPUT PIN
5V/DIV
300ns
Output Sine Wave
T = 1.60000µs
C0, C1 PIN
2V/DIV
OUTPUT PIN
5V/DIV
T = 242.800ns
OUTPUT A
OUTPUT B
2V/DIV
0
5
10
15
20
25
30
35
40
-40 -30 -20 -10
0
102030
4050
607080
TEMPERATURE (°C)
FULL POWER(mA)
MEDIUM POWER
LOW POWER
Figure 1


Número de pieza similar - ISL1550IRZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1550IRZ-EVALZ INTERSIL-ISL1550IRZ-EVALZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550IRZ-EVALZ RENESAS-ISL1550IRZ-EVALZ Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
More results

Descripción similar - ISL1550IRZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com