Nombre de pieza
         Descripción
FZT604

 SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS ( 3 Page)


ZETEX
100% 
Zoom Out Zoom In
   
 3 page
background image
PARAMETER
SYMBOL MIN.
MAX. UNIT
CONDITIONS
Transition Frequency fT
150
MHz
IC=100mA,VCE=10V
f=20MHz
Input capacitance
Cibo
90 Typical
pF
VEB=500mV, f=1MHz
Output Capacitance
Cobo
15 Typical
pF
VCB=10V, f=1MHz
Switching Times
ton
0.5 Typical
pF
IC=500mA, VCE=10V
IB1 = IB2 = 0.5mA
toff
1.6 Typical
pF
* Measured under pulsed conditions. Pulse width = 300µs. Duty cycle 2%
Spice parameter data is available upon request for these devices.
FZT604
FZT605
FZT604
FZT605
3 - 203
3 - 204
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC -
Collector Current (Amps)
0
0.4
0.01
0.1
10
1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
IC -
Collector Current (Amps)
0.6
0.01
10
0.1
1
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC/IB=100
IC/IB=100
IC -
Collector Current (Amps)
hFE v IC
0.001
0.01
10
0.1
1
0.5
1.0
1.5
2.0
2.5
VCE=5V
IC -
Collector Current (Amps)
0.6
1.0
1.4
1.8
0.01
0.1
110
VCE=5V
-55°C
+25°C
+100°C
0.4
0.8
1.2
1.6
2.2
0.2
-55°C
+25°C
+100°C
+175°C
-55°C
+25°C
+100°C
+175°C
0.4
-55°C
+25°C
+100°C
2.2
2.0
VBE(sat) v IC
VBE(on) v IC
+
FZT604 Safe Operating Area
VCE - Collector Emitter Voltage (V)
1
0.1
10
100
1
0.01
1000
10
1s
DC
100ms
10ms
100µs
1ms
+
FZT605 Safe Operating Area
VCE - Collector Emitter Voltage (V)
1000
1
0.1
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
10
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2N5191_00MEDIUM POWER NPN SILICON TRANSISTORS 1 2 3 4 STMicroelectronics
MJE5740_06NPN Silicon Power Darlington Transistors 8 AMPERES 300−400 VOLTS 80 WATTS 1 2 3 4 5 MoreON Semiconductor
BC737NPN SILICON AF MEDIUM POWER TRANSISTORS 1 2 Micro Electronics
2N6035_06Plastic Darlington Complementary Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor
SGSD100_03COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
MJ11021_05Complementary Darlington Silicon Power Transistors 1 2 3 4 5 ON Semiconductor
MPSA13Darlington Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
TIP130COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 STMicroelectronics
2N4237NPN MEDIUM POWER SILICON TRANSISTOR 1 2 Microsemi Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl