Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC14040BDTR2G Datasheet(PDF) 5 Page - ON Semiconductor |
|
MC14040BDTR2G Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC14040B http://onsemi.com 5 Figure 3. Timing Diagram CLOCK RESET Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12 1 2 4 8 16 32 64 128 256 512 1024 2048 4096 APPLICATIONS INFORMATION TIME−BASE GENERATOR A 60 Hz sinewave obtained through a 1.0 Megohm resistor connected directly to a standard 120 Vac power line is applied to the clock input of the MC14040B. By selecting outputs Q5, Q10, Q11, and Q12 division by 3600 is accomplished. The MC14012B decodes the counter outputs, produces a single output pulse, and resets the binary counter. The resulting output frequency is 1.0 pulse/minute. MC14040B Figure 4. Time−Base Generator Clock Q5 Q10 Q11 Q12 VCC 13 12 10 9 1 2 4 5 8 1/2 14012B 6 1/6 of HC14A ≥20pF 1.0M 1.0 Pulse/Minute Output VCC 120Vac 60Hz NOTE: Ground MUST be isolated by a transformer or opto−isolator for safety reasons. 1/2 14012B |
Número de pieza similar - MC14040BDTR2G |
|
Descripción similar - MC14040BDTR2G |