Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1862 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LB1862
Descripción Electrónicos  Fan Motor Single-Phase Full-Wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1862 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1862 Datasheet HTML 1Page - Sanyo Semicon Device LB1862 Datasheet HTML 2Page - Sanyo Semicon Device LB1862 Datasheet HTML 3Page - Sanyo Semicon Device LB1862 Datasheet HTML 4Page - Sanyo Semicon Device LB1862 Datasheet HTML 5Page - Sanyo Semicon Device LB1862 Datasheet HTML 6Page - Sanyo Semicon Device LB1862 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LB1862
No. 6208-1/7
Overview
Single-phase full-wave drive design and a compact package
make this IC optimal for small fans (especially CPU
cooling fans). Low switching noise and effective motor
drive are further advantages.
Features
• Support for 5V/12V dual power supply voltage
• Built-in regenerative circuit allows use of reverse-
connection protection diode
• Built-in Hall amplifier with hysteresis (supports core
without auxiliary electrode)
• Built-in lockup protection and automatic recovery circuits
• Latch-type lockup detection output (RD) is Low during
rotation and High during stop
• Hall bias pin and start/stop pin allow reduced current drain
in standby mode
• Built-in thermal protection circuit
LB1862
Package Dimensions
unit: mm
3098B-DIP10S
O2599RM(KI)
Ordering number : ENN6208A
Monolithic Digital IC
Fan Motor Single-Phase Full-Wave Driver
[LB1862]
SANYO : DIP10S
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
17
V
Maximum output current
IOUT max
0.8
A
Maximum output withstand voltage
VOUT max
17
V
RD maximum output withstand
VR max
17
V
voltage
RD maximum output current
IR max
5mA
HB maximum output current
IB max
10
mA
ST maximum input voltage
VST max
15
V
Allowable power dissipation
Pd max
1.0
W
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
1
5
10
6
1.14
1.78
0.95
0.48
9.4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Número de pieza similar - LB1862

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
83Kb / 6P
   For Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1862 ONSEMI-LB1862 Datasheet
84Kb / 6P
   Single-Phase Full-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB1862M SANYO-LB1862M Datasheet
110Kb / 6P
   Single-Phase Full-Wave Driver for Fan Motors
LB1862M SANYO-LB1862M Datasheet
47Kb / 7P
   Fan Motor Single-Phase Full-Wave Drivers
LB1862M SANYO-LB1862M Datasheet
142Kb / 7P
   For Fan Motor Single-Phase Full-Wave Driver
More results

Descripción similar - LB1862

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
LB1964T SANYO-LB1964T Datasheet
35Kb / 4P
   Fan Motor Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com