Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14541B Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC14541B
Descripción Electrónicos  Programmable Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14541B Datasheet(HTML) 3 Page - ON Semiconductor

  MC14541B_14 Datasheet HTML 1Page - ON Semiconductor MC14541B_14 Datasheet HTML 2Page - ON Semiconductor MC14541B_14 Datasheet HTML 3Page - ON Semiconductor MC14541B_14 Datasheet HTML 4Page - ON Semiconductor MC14541B_14 Datasheet HTML 5Page - ON Semiconductor MC14541B_14 Datasheet HTML 6Page - ON Semiconductor MC14541B_14 Datasheet HTML 7Page - ON Semiconductor MC14541B_14 Datasheet HTML 8Page - ON Semiconductor MC14541B_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC14541B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
10
15
–4.19
–7.96
–16.3
–3.38
–6.42
–13.2
–6.75
–12.83
–26.33
–2.37
–4.49
−9.24
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
1.93
4.96
19.3
1.56
4.0
15.6
3.12
8.0
31.2
1.09
2.8
10.9
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Pin 5 is High)
Auto Reset Disabled
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Auto Reset Quiescent Current
(Pin 5 is low)
IDDR
10
15
250
500
30
82
250
500
1500
2000
mAdc
Supply Current (Notes 3 & 4)
(Dynamic plus Quiescent)
ID
5.0
10
15
ID = (0.4 mA/kHz) f + IDD
ID = (0.8 mA/kHz) f + IDD
ID = (1.2 mA/kHz) f + IDD
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. When using the on chip oscillator the total supply current (in
mAdc) becomes: IT = ID + 2 Ctc VDD f x 10–3 where ID is in mA, Ctc is in pF,
VDD in Volts DC, and f in kHz. (see Fig. 3) Dissipation during power−on with automatic reset enabled is typically 50 mA @ VDD = 10 Vdc.


Número de pieza similar - MC14541B_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14541BCP ONSEMI-MC14541BCP Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
MC14541BCP ONSEMI-MC14541BCP Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BCPG ONSEMI-MC14541BCPG Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BD ONSEMI-MC14541BD Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
MC14541BD ONSEMI-MC14541BD Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
More results

Descripción similar - MC14541B_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com