Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14528BDR2G Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC14528BDR2G
Descripción Electrónicos  Dual Monostable Multivibrato
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528BDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC14528BDR2G Datasheet HTML 1Page - ON Semiconductor MC14528BDR2G Datasheet HTML 2Page - ON Semiconductor MC14528BDR2G Datasheet HTML 3Page - ON Semiconductor MC14528BDR2G Datasheet HTML 4Page - ON Semiconductor MC14528BDR2G Datasheet HTML 5Page - ON Semiconductor MC14528BDR2G Datasheet HTML 6Page - ON Semiconductor MC14528BDR2G Datasheet HTML 7Page - ON Semiconductor MC14528BDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14528B
http://onsemi.com
5
ORDERING INFORMATION
Device
Package
Shipping
MC14528BDG
SOIC−16
(Pb−Free)
48 Units / Rail
MC14528BDR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
NLV14528BDR2G*
SOIC−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.
Figure 1. Output Source Current Test Circuit
Figure 2. Output Sink Current Test Circuit
VDD
VDD
OPEN
VSS
VSS
OPEN
VOL
RESET
A
B
Q
Q
16
8
16
8
IOL
RESET
A
B
Q
Q
IOH
VOH
Figure 3. Power Dissipation Test Circuit and Waveforms
VDD
DUTY CYCLE = 50%
CL
CL
CL
CL
ID
500 pF
VSS
Vin
20 ns
20 ns
VDD
0 V
Vin
90%
10%
0.1
mF
CERAMIC
RX
CX
RX
CX
A
B
RESET
A
B
RESET
Q
Q
Q
Q


Número de pieza similar - MC14528BDR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14528BDR2G ONSEMI-MC14528BDR2G Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
More results

Descripción similar - MC14528BDR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74LS221 HITACHI-HD74LS221 Datasheet
89Kb / 7P
   Dual Monostable Multivibrators
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC_02 Datasheet
139Kb / 11P
   Dual Precision Monostable
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com