Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD230-8-2G Datasheet(PDF) 3 Page - Sensortechnics GmbH

No. de pieza AD230-8-2G
Descripción Electrónicos  0.230 mm active area
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSORTECHNICS [Sensortechnics GmbH]
Página de inicio  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD230-8-2G Datasheet(HTML) 3 Page - Sensortechnics GmbH

  AD230-8-2G Datasheet HTML 1Page - Sensortechnics GmbH AD230-8-2G Datasheet HTML 2Page - Sensortechnics GmbH AD230-8-2G Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9/8/2016
Fig. 1: APD GAIN vs BIAS VOLTAGE
Fig. 2: APD SPECTRAL RESPONSE (M = 1)
130
135
140
145
150
155
160
165
170
1
10
100
1000
APPLIED VOLTAGE (V)
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Fig. 3 : DIFFERENTIAL OUTPUT vs TEMPERATURE
Fig.4 : APD CAPACITANCE vs VOLTAGE
AMBIENT TEMPERATURE
300
(°C)
-40
-20
0
20
40
60
80
100
320
340
360
380
400
420
440
460
APPLIED BIAS VOLTAGE (V)
10
0
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
Fig. 5: AMPLIFIER TRANSFER FUNCTION
Fig. 6: TOTAL FREQUENCY RESPONSE
-100
-200
-100
-50
50
100
150
200
-75
0
-50
-25
25
50
75
100
INPUT CURRENT (µA)
0
-150
50
FREQUENCY (Hz)
1G
10G
100M
10M
1M
55
60
65
70
75
USA:
First Sensor, Inc.
5700 Corsa Avenue, #105
Westlake Village, CA 91362 USA
T + 818 706-3400
F + 818 889-7053
contact.us@first-sensor.com
www.first-sensor.com
International sales:
First Sensor AG
Peter-Behrens-Str. 15
12459 Berlin, Germany
T + 49 30 6399 2399
F + 49 30 639923-752
sales.opto@first-sensor.com
www.first-sensor.com


Número de pieza similar - AD230-8-2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensortechnics GmbH
AD230-8SMD SENSORTECHNICS-AD230-8SMD Datasheet
459Kb / 4P
   APD with 0.04 mm짼 active area
AD230-8TO SENSORTECHNICS-AD230-8TO Datasheet
271Kb / 3P
   APD with 0.04 mm짼 active area
More results

Descripción similar - AD230-8-2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensortechnics GmbH
AD230-9-400M-TO5 SENSORTECHNICS-AD230-9-400M-TO5 Datasheet
592Kb / 3P
   0.230 mm active area
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
   0.500 mm active area
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
   0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
logo
List of Unclassifed Man...
PS100-7SM ETC2-PS100-7SM Datasheet
213Kb / 2P
   10.0 mm square active area
logo
Sensortechnics GmbH
AD500-13G-TO5 SENSORTECHNICS-AD500-13G-TO5 Datasheet
584Kb / 3P
   횈 0.500 mm active area
logo
OptoDiode Corp
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
   PHOTODIODE 5 mm Circular active area
AXUV100TI OPTODIODE-AXUV100TI Datasheet
238Kb / 2P
   PHOTODIODE 100 mm Square active area
AXUV100AL OPTODIODE-AXUV100AL Datasheet
194Kb / 2P
   PHOTODIODE 100 mm Square active area
AXUV576C OPTODIODE-AXUV576C Datasheet
190Kb / 2P
   ELECTRON DETECTION 576 mm Square active area
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com