Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD230-8TO Datasheet(PDF) 2 Page - Sensortechnics GmbH

No. de pieza AD230-8TO
Descripción Electrónicos  APD with 0.04 mm짼 active area
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSORTECHNICS [Sensortechnics GmbH]
Página de inicio  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD230-8TO Datasheet(HTML) 2 Page - Sensortechnics GmbH

  AD230-8TO Datasheet HTML 1Page - Sensortechnics GmbH AD230-8TO Datasheet HTML 2Page - Sensortechnics GmbH AD230-8TO Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
First Sensor APD Data Sheet
Part Description AD230-8 TO
Order # 500019; 500022
Version 21-08-14
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias and temperature
Dark current as fct of bias and temperature
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
• Optimum gain: 50-60
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
F +1 818 889 7053
T +1 818 706 3400
CA 91362 USA
F +49 30 639923-752
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
• For low light level applications blocking of ambient light should be used
Westlake Village
5700 Corsa Avenue #105
First Sensor Inc.
USA:
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
0,0
20,0
40,0
60,0
80,0
100,0
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0,00
2,00
4,00
6,00
8,00
10,00
12,00
0
10
20
30
40
50
60
70
80
90
Reverse bias (V)
1
10
100
1.000
20
40
60
80
100
120
140
160
Reverse bias [V]
23°C
30°C
40°C
50°C
60°C
70°C
80°C
1,0E-12
1,0E-11
1,0E-10
1,0E-09
1,0E-08
1,0E-07
20
40
60
80
100
120
140
160
Reverse bias [V]
23°C
30°C
40°C
50°C
60°C
70°C
80°C
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD


Número de pieza similar - AD230-8TO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensortechnics GmbH
AD230-8-2G SENSORTECHNICS-AD230-8-2G Datasheet
584Kb / 3P
   0.230 mm active area
AD230-8SMD SENSORTECHNICS-AD230-8SMD Datasheet
459Kb / 4P
   APD with 0.04 mm짼 active area
More results

Descripción similar - AD230-8TO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensortechnics GmbH
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD230-12 SENSORTECHNICS-AD230-12 Datasheet
736Kb / 4P
   APD with 0.04 mm짼 active area
AD230-8SMD SENSORTECHNICS-AD230-8SMD Datasheet
459Kb / 4P
   APD with 0.04 mm짼 active area
AD230-9TO SENSORTECHNICS-AD230-9TO Datasheet
438Kb / 4P
   APD with 0.04 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com