Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ440A Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd. |
|
SMAJ440A Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd. |
1 / 5 page SMAJ5.0 --- SMAJ440CA Features Working peak reverse voltage range – 5.0V to 440V. Peak power dissipation 400W @10 x 1000 us Pulse Low profile package. Excellent clamping capability. Glass passivated junction. Fast response time: typically less than 1 ns for Uni-direction. Less than 5 ns for Bi-direction, from 0 Volts to BV min Typical IR less than 1uA above 10V. Plastic material has UL flammability classification 94V-O RoHS compliant in lead-free versions Mechanical Characteristics CASE: Void-free, JEDEC DO-214AC Molded Plastic over glass passivated junction.. Mounting Position: Any Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device. Terminal: Solder plated, solderable per MIL-STD-750, Method 2026 Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted) Parameter Symbol Value Units Peak Pulse Power Dissipation on 10/1000 us Waveform (Note 1, 2, FIG.1) PPPM Min 400 W Peak Pulse Current of on 10/1000us Waveform (Note 1, FIG.3) IPPM See Table 1 Amps Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method) (Note 2. 3) IFSM 40 Amps Operating Junction Temperature Range TJ -55 to 150 °C Storage Temperature Range TSTG -55 to 150 °C Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2. 2. Mounted on 5.0mm 2 (0.03mm thick) Copper Pads to each terminal. 3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle=4 pluses per minute maximum. 400W Surface Mount Transient Voltage Suppressors |
Número de pieza similar - SMAJ440A |
|
Descripción similar - SMAJ440A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |