Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC548B Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

No. de pieza BC548B
Descripción Electrónicos  NPN SILICON AMPLIFIER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BC548B Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  BC548B Datasheet HTML 1Page - SUNMATE electronic Co., LTD BC548B Datasheet HTML 2Page - SUNMATE electronic Co., LTD BC548B Datasheet HTML 3Page - SUNMATE electronic Co., LTD BC548B Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
0.8
1.0
0.6
0.2
0.4
1.0
2.0
0.1
1.0
10
100
0.2
0.2
0.5
0.2
1.0
10
200
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
-1.0
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
2.0
10
200
1.0
TA = 25°C
200 mA
50 mA
IC =
10 mA
VCE = 5 V
TA = 25°C
0
0.5
2.0
5.0
20
50
100
0.05
0.2
0.5
2.0
5.0
100 mA
20 mA
-1.4
-1.8
-2.2
-2.6
-3.0
0.5
5.0
20
50
100
-55°C to 125°C
θVB for VBE
BC546
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.1 0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25°C
0.5
5.0
20
TA = 25°C
Cob
Cib
4 of 4
www.sunmate.tw


Número de pieza similar - BC548B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC548B ONSEMI-BC548B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Micro Commercial Compon...
BC548B MCC-BC548B Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Siemens Semiconductor G...
BC548B SIEMENS-BC548B Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
BC548B FAIRCHILD-BC548B Datasheet
21Kb / 2P
   NPN General Purpose Amplifier
More results

Descripción similar - BC548B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Boca Semiconductor Corp...
2N930 BOCA-2N930 Datasheet
144Kb / 4P
   AMPLIFIER TRANSISTOR (NPN SILICON)
logo
ON Semiconductor
MPS6428 ONSEMI-MPS6428 Datasheet
57Kb / 4P
   Amplifier Transistor(NPN Silicon)
1996
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
   NPN SILICON AMPLIFIER TRANSISTOR
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
   AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MPS6571 NJSEMI-MPS6571 Datasheet
68Kb / 2P
   Amplifier Transistor NPN Silicon
logo
ON Semiconductor
MPSA20 ONSEMI-MPSA20 Datasheet
106Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 3
logo
Motorola, Inc
MPS-U07 MOTOROLA-MPS-U07 Datasheet
145Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com