Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK402-270 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza STK402-270
Descripción Electrónicos  Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-270 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK402-270 Datasheet HTML 1Page - Sanyo Semicon Device STK402-270 Datasheet HTML 2Page - Sanyo Semicon Device STK402-270 Datasheet HTML 3Page - Sanyo Semicon Device STK402-270 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PS No. 7072-4/4
STK402-270
This catalog provides information as of December, 2002. Specifications and information herein are
subject to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.


Número de pieza similar - STK402-270

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
More results

Descripción similar - STK402-270

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1 TI-TPA3106D1 Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
logo
STMicroelectronics
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
   40 W 40 W stereo amplifier with mute and standby
logo
Sanyo Semicon Device
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK400-070 SANYO-STK400-070 Datasheet
264Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W 40W min, THD = 0.4%)?
logo
NXP Semiconductors
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
logo
Toshiba Semiconductor
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
   Max Power 40 W BTL 횞 4CH Audio Power IC
logo
NXP Semiconductors
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com