Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3-1393771-3 Datasheet(PDF) 2 Page - TE Connectivity Ltd |
|
3-1393771-3 Datasheet(HTML) 2 Page - TE Connectivity Ltd |
2 / 2 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 Potter & Brumfield Signal Relays JWD/JWS Series Reed Relays (Continued) Terminal assignment TOP view on component side of PCB 6+21 7 89 13 14 76 +2 1 89 13 14 76 +2 1 89 13 14 6+21 7 89 13 14 MAGNET 1+35 7 21 7 1314 89 6+21 7 13 14 89 .770 MAX. (19.56) .315 (8.0) MAX. WITH TERMINALS VERTICAL .130 ± .015 (3.3 ± 0.4) .100 TYP. (2.54) .600 (15.24) .020 TYP. (.51) .300 MAX. (7.62) 4° MAX. TYP. .012 TYP. (.3) 12 67 .018 TYP. (.46) .020 TYP. (.51) .800 MAX. (20.32) 1 35 7 .200 TYP. (5.08) .260 MAX. (6.6) .307 MAX. (7.8) .125 ± .010 (3.18 ± .254) .010 TYP. (.25) Dia. 1 Dia. 2 Dia. 3 Dia. 4 Dia. 5 Dia. 6 Dia. 7 Note: Terminal numbers are for reference only and do not appear on relays. Dimensions JWD Series JWS Series Note: Magnetic shielding may be required between relays when they are placed in very close proximity to one another. Product code Contacts Max. Diode Coil Coil Operate Coil Wiring Part number rating voltage resistance1) voltage power diagram JWD-107-1 1 form A, 10W No 5/6VDC 500ohm 3.8VDC 50/72mW 1 1393771-3 JWD-107-5 1 NO contact Yes 5/6VDC 500ohm 3.8VDC 50/72mW 1 1393771-5 JWD-107-3 No 12VDC 1200ohm 9.6VDC 120mW 1 1393771-4 JWD-107-7 Yes 12VDC 1200ohm 9.6VDC 120mW 1 1393771-6 JWD-171-5 No 24VDC 2150ohm 19.2VDC 268mW 2 2-1393771-0 JWD-171-10 Yes 24VDC 2150ohm 19.2VDC 268mW 2 1393771-7 JWD-171-21 2 form A, No 5/6VDC 200ohm 3.8VDC 125/180mW 3 1-1393771-4 JWD-171-25 2 NO contacts Yes 5/6VDC 200ohm 3.8VDC 125/180mW 3 1-1393771-7 JWD-171-23 No 12VDC 500ohm 9.6VDC 288mW 3 1-1393771-5 JWD-171-27 Yes 12VDC 500ohm 9.6VDC 288mW 3 1-1393771-8 JWD-171-24 No 24VDC 2200ohm 19.2VDC 262mW 3 1-1393771-6 JWD-171-28 Yes 24VDC 2200ohm 19.2VDC 262mW 3 1-1393771-9 JWD-171-12 1 form B, No 5/6VDC 500ohm 3.8VDC 50/72mW 4 1393771-8 JWD-171-17 1 NCO contact Yes 5/6VDC 500ohm 3.8VDC 50/72mW 4 1-1393771-1 JWD-171-14 No 12VDC 1200ohm 9.6VDC 120mW 4 1393771-9 JWD-171-19 Yes 12VDC 1200ohm 9.6VDC 120mW 4 1-1393771-2 JWD-171-15 No 24VDC 2200ohm 19.2VDC 262mW 4 1-1393771-0 JWD-171-20 Yes 24VDC 2200ohm 19.2VDC 262mW 4 1-1393771-3 JWD-172-1 1 form C, 3W No 5/6VDC 200ohm 3.8VDC 125/180mW 5 2-1393771-1 JWD-172-5 1 CO contact Yes 5/6VDC 200ohm 3.8VDC 125/180mW 5 2-1393771-9 JWD-172-3 No 12VDC 500ohm 9.6VDC 288mW 5 2-1393771-7 JWD-172-7 Yes 12VDC 500ohm 9.6VDC 288mW 5 3-1393771-0 JWD-172-4 No 24VDC 2200ohm 19.2VDC 262mW 5 2-1393771-8 JWD-172-8 Yes 24VDC 2200ohm 19.2VDC 262mW 5 3-1393771-1 JWD-172-155 No 5/6VDC 200ohm 3.8VDC 125/180mW 6 2-1393771-2 JWD-172-159 Yes 5/6VDC 200ohm 3.8VDC 125/180mW 6 2-1393771-4 JWD-172-161 Yes 12VDC 1000ohm 9.6VDC 144mW 6 2-1393771-5 JWD-172-158 No 24VDC 2150ohm 19.2VDC 268mW 6 2-1393771-3 JWD-172-162 Yes 24VDC 2150ohm 19.2VDC 268mW 6 2-1393771-6 JWS-117-1 1 form A, 10W No 5VDC 500ohm 3.8VDC 50mW 7 3-1393771-2 JWS-117-6 1 NO contact Yes 5VDC 500ohm 3.8VDC 50mW 7 3-1393771-8 JWS-117-3 No 12VDC 530ohm 9.6VDC 272mW 7 3-1393771-4 JWS-117-8 Yes 12VDC 530ohm 9.6VDC 272mW 7 3-1393771-6 JWS-117-18 Yes 12VDC 1850ohm 9.6VDC 78mW 7 3-1393771-3 JWS-117-5 No 24VDC 2150ohm 19.2VDC 268mW 7 3-1393771-5 1) Coil resistance ±10%. |
Número de pieza similar - 3-1393771-3 |
|
Descripción similar - 3-1393771-3 |