Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL432LF Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

No. de pieza TL432LF
Descripción Electrónicos  Low Voltage Adjustable Precision Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IKSEMICON [IK Semicon Co., Ltd]
Página de inicio  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL432LF Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  TL432LF_16 Datasheet HTML 1Page - IK Semicon Co., Ltd TL432LF_16 Datasheet HTML 2Page - IK Semicon Co., Ltd TL432LF_16 Datasheet HTML 3Page - IK Semicon Co., Ltd TL432LF_16 Datasheet HTML 4Page - IK Semicon Co., Ltd TL432LF_16 Datasheet HTML 5Page - IK Semicon Co., Ltd TL432LF_16 Datasheet HTML 6Page - IK Semicon Co., Ltd TL432LF_16 Datasheet HTML 7Page - IK Semicon Co., Ltd TL432LF_16 Datasheet HTML 8Page - IK Semicon Co., Ltd TL432LF_16 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL DATA
2011, February, Rev. 02
Low Voltage Adjustable Precision Shunt Regulator
Features
• Precise Reference Voltage to 1.24V
• Guaranteed 2%, 1% , 0.5% Reference
Voltage Tolerance
• Sink Current Capability, 80µA to100mA
• Quick Turn-on
• Adjustable Output Voltage, V
o=VREF to 15V
• 0.2 Ω Typical Output Impedance
• TO-92, SOT-23, SOT-89 packages.
Applications
• Linear Regulator
• Adjustable Supplies
• Switching Power Supplies
• Battery Charger
• Instrumentation
• Computer Disk Drives
PIN CONNECTIONS
TO-92
CATHODE
ANODE
REFERENCE
SOT-23
SOT-89
Ordering Information
Product Number
Reference Input Voltage
Package
TL432CLF
TL432CLS
0.5%
TO-92
TL432CS
SOT-23
TL432CP
SOT-89
TL432ALF
TL432ALS
1%
TO-92
TL432AS
SOT-23
TL432AP
SOT-89
TL432LF
TL432LS
2%
TO-92
TL432S
SOT-23
TL432P
SOT-89
TL432


Número de pieza similar - TL432LF_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IK Semicon Co., Ltd
TL432LF IKSEMICON-TL432LF Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
More results

Descripción similar - TL432LF_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com