Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC201S Datasheet(PDF) 1 Page - Sanken electric

No. de pieza LC201S
Descripción Electrónicos  Power Supply IC for Microcomputer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC201S Datasheet(HTML) 1 Page - Sanken electric

  LC201S Datasheet HTML 1Page - Sanken electric LC201S Datasheet HTML 2Page - Sanken electric LC201S Datasheet HTML 3Page - Sanken electric LC201S Datasheet HTML 4Page - Sanken electric LC201S Datasheet HTML 5Page - Sanken electric LC201S Datasheet HTML 6Page - Sanken electric LC201S Datasheet HTML 7Page - Sanken electric LC201S Datasheet HTML 8Page - Sanken electric LC201S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Power Supply IC for Microcomputer
LC201S
LC201S-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
1
Mar. 30, 2016
General Descriptions
LC201S is the power supply IC for microcomputer of
lighting, incorporating a start up circuit and a linear
regulator.
There are two outputs. The output voltage of OUT1 can
be switched 9 V or 20 V. The output voltage of OUT2 is
5V. The product achieves high cost-performance power
supply systems with few external components for
microcomputer.
Features
 Built-in startup circuit
 Power dissipation of the startup circuit is zero.
(When the power of IC is supplied from external
power supply)
 OUT1 pin voltage is selectable from 9 V or 20 V by
SL pin voltage.
(When the power of IC is supplied from internal
startup circuit)
 OUT2 voltage is fixed to 5V
 Current Sink Function
(In case OUT1 pin voltage decreases, OUT2 pin is
fixed to Low state)
Typical Application Circuit
VAC
C1
BR1
1
2
3
4
ST
NC
SL
NC
GND
OUT2
SINK
OUT1
8
7
5
LC201S
U1
NC
6
Micro
computer
C2
C3
R1
Package
SOP8
Not to scale
Applications
 Various lighting fixtures
Fluorescent lamp, ceiling light, street light and down
light, etc.
 Electronic equipment with microcomputer
http://www.sanken-ele.co.jp/en/


Número de pieza similar - LC201S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
LC201 SEOUL-LC201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC201 SEOUL-LC201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Descripción similar - LC201S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TB7109F TOSHIBA-TB7109F Datasheet
486Kb / 15P
   Power supply IC for LNB
logo
Renesas Technology Corp
RNA53A27F RENESAS-RNA53A27F Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A30F RENESAS-RNA53A30F_15 Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A27F RENESAS-RNA53A27F_15 Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A30F RENESAS-RNA53A30F Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Isahaya Electronics Cor...
YS246DS-05 ISAHAYA-YS246DS-05 Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-15 ISAHAYA-YS243DS-15 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-05 ISAHAYA-YS243DS-05 Datasheet
102Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DD-12 ISAHAYA-YS243DD-12 Datasheet
103Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com