Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC374A Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza 74LVC374A
Descripción Electrónicos  Low-Voltage CMOS Octal D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC374A Datasheet(HTML) 5 Page - ON Semiconductor

  74LVC374A_16 Datasheet HTML 1Page - ON Semiconductor 74LVC374A_16 Datasheet HTML 2Page - ON Semiconductor 74LVC374A_16 Datasheet HTML 3Page - ON Semiconductor 74LVC374A_16 Datasheet HTML 4Page - ON Semiconductor 74LVC374A_16 Datasheet HTML 5Page - ON Semiconductor 74LVC374A_16 Datasheet HTML 6Page - ON Semiconductor 74LVC374A_16 Datasheet HTML 7Page - ON Semiconductor 74LVC374A_16 Datasheet HTML 8Page - ON Semiconductor 74LVC374A_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVC374A
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns)
Symbol
Parameter
Conditions
−40 to +85
5C
−40 to +125
5C
Unit
Min
Typ
(Note 4)
Max
Min
Typ
(Note 4)
Max
tpd
Propagation Delay (Note 5)
CP to On
VCC = 1.2 V
16.0
ns
VCC = 1.65 V to 1.95 V
2.2
7.4
16.3
2.2
18.8
VCC = 2.3 V to 2.7 V
1.5
3.9
8.4
1.5
9.7
VCC = 2.7 V
1.5
3.5
8.0
1.5
10.0
VCC = 3.0 V to 3.6 V
1.5
3.3
7.0
1.5
9.0
ten
Enable Time (Note 6)
OE to On
VCC = 1.2 V
19.0
ns
VCC = 1.65 V to 1.95 V
1.5
6.6
16.7
1.5
19.3
VCC = 2.3 V to 2.7 V
1.5
3.7
9.3
1.5
10.8
VCC = 2.7 V
1.5
3.8
8.5
1.5
11.0
VCC = 3.0 V to 3.6 V
1.5
3.0
7.5
1.5
9.5
tdis
Disable Time (Note 7)
OE to On
VCC = 1.2 V
8.0
ns
VCC = 1.65 V to 1.95 V
2.3
4.0
10.1
2.3
11.7
VCC = 2.3 V to 2.7 V
1.0
2.2
5.7
1.0
6.7
VCC = 2.7 V
1.5
3.1
6.5
1.5
9.0
VCC = 3.0 V to 3.6 V
1.5
2.9
6.0
1.5
7.5
tw
Pulse Width
CP HIGH or LOW
VCC = 1.65 V to 1.95 V
5.0
5.0
ns
VCC = 2.3 V to 2.7 V
4.0
4.0
VCC = 2.7 V
3.0
4.5
VCC = 3.0 V to 3.6 V
3.0
1.5
4.5
tsu
Set−up Time
Dn to CP
VCC = 1.65 V to 1.95 V
4.0
4.0
ns
VCC = 2.3 V to 2.7 V
3.0
3.0
VCC = 2.7 V
2.0
2.0
VCC = 3.0 V to 3.6 V
2.0
0.0
2.0
th
Hold Time
Dn to CP
VCC = 1.65 V to 1.95 V
3.0
3.0
ns
VCC = 2.3 V to 2.7 V
2.0
2.0
VCC = 2.7 V
1.5
1.5
VCC = 3.0 V to 3.6 V
1.5
0.6
1.5
fmax
Maximum Frequency
VCC = 1.65 V to 1.95 V
100
64
MHz
VCC = 2.3 V to 2.7 V
125
100
VCC = 2.7 V
150
120
VCC = 3.0 V to 3.6 V
150
120
tsk(0)
Output Skew Time (Note 8)
1.0
1.5
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Typical values are measured at TA = 25
°C and VCC = 3.3 V, unless stated otherwise.
5. tpd is the same as tPLH and tPHL.
6. ten is the same as tPZL and tPZH.
7. tdis is the same as tPLZ and tPHZ.
8. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.


Número de pieza similar - 74LVC374A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC374ABQ NEXPERIA-74LVC374ABQ Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
74LVC374ABQ-Q100 NEXPERIA-74LVC374ABQ-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
logo
NXP Semiconductors
74LVC374AD PHILIPS-74LVC374AD Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC374AD NEXPERIA-74LVC374AD Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
More results

Descripción similar - 74LVC374A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com