Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8-1415011-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

No. de pieza 8-1415011-1
Descripción Electrónicos  2 pole relay with force guided contacts according to EN 50205
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1415011-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  8-1415011-1 Datasheet HTML 1Page - TE Connectivity Ltd 8-1415011-1 Datasheet HTML 2Page - TE Connectivity Ltd 8-1415011-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR2M (Continued)
Other Data
SR2M
SR2M Plug-in
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-25 to 70°C
Category of environmental Protection
IEC 61 810
RTIII
RTII
Weight
20g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
-
Packaging/unit
tube/20 pcs.
For more detailed information see product specification 2158001
Accessories
For details see datasheet
Accessories Force Guided Relay SR2M plugin
NOTE: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
2 form C, 2 CO contacts
1 form A + 1 form B contacts, 1 NO + 1 NC
S0163-CO
S0163-BJ
S0163_CU
S0163-CV
S0273-BB
SR2M
SR2M Plug-In


Número de pieza similar - 8-1415011-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
8-1415015-1 TEC-8-1415015-1 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
8-1415015-1 TEC-8-1415015-1 Datasheet
363Kb / 4P
   General Purpose
logo
Tyco Electronics
8-1415017-1 MACOM-8-1415017-1 Datasheet
553Kb / 3P
   General Purpose Relays Force Guided Relays
logo
TE Connectivity Ltd
8-1415017-1 TEC-8-1415017-1 Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
8-1415017-1 TEC-8-1415017-1 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
More results

Descripción similar - 8-1415011-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
SR4-D TEC-SR4-D Datasheet
311Kb / 3P
   4 pole relay with force guided contacts according to EN 50205
SR6D TEC-SR6D Datasheet
334Kb / 2P
   4 pole relay with force guided contacts according to EN 50205
SR6A TEC-SR6A Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
logo
PHOENIX CONTACT
REL-SR-24DC PHOENIX-REL-SR-24DC Datasheet
64Kb / 3P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
PSR-SCF-120UC PHOENIX-PSR-SCF-120UC Datasheet
80Kb / 4P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com