Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5-1393806-6 Datasheet(PDF) 4 Page - TE Connectivity Ltd |
|
5-1393806-6 Datasheet(HTML) 4 Page - TE Connectivity Ltd |
4 / 10 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 4 AXICOM Signal Relays Cradle N Relay V23154/V23162 (Continued) PCB layout TOP view on component side of PCB V23154-M/Nxx versions Dimensions V23154-Mxxx, size I type V23154-Nxxx, size II type M = Earth terminal a) Hole for mechanical armature actuation, if required b) Hole for socket mounting with screw M1.6. Instructions for Impulse Operation The maximum voltage stated in the part code table can be increased for impulse operation as follows: UII Impuls UII tambxq UII tamb Maximum continuous voltage at ambient temperature tamb q Factor The impulse voltage must not exceed 80% of the test voltage (winding/ frame or winding/winding) or 2.5 times the value of the maximum voltage listed in the part code table. IftED ≤ 3s then q= ; IftED = Pulse width, t2 = Cycle time. If tED > 3s the value of q must be obtained from the nomograph. Examples of various periodic pulse trains (energizing side) 1. Periodic recurrence of one energizing pulse 2. Periodic recurrence of two unequal energizing pulses tED = tI + tII tI + tII = Pulse widths within one cycle |
Número de pieza similar - 5-1393806-6 |
|
Descripción similar - 5-1393806-6 |