Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M27C64A-30F6X Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza M27C64A-30F6X
Descripción Electrónicos  64K (8K x 8) UV EPROM and OTP ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-30F6X Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27C64A-30F6X Datasheet HTML 3Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 4Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 5Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 6Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 7Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 8Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 9Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 10Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FDIPW-a
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
e3
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
5.71
0.225
A1
0.50
1.78
0.020
0.070
A2
3.90
5.08
0.154
0.200
B
0.40
0.55
0.016
0.022
B1
1.17
1.42
0.046
0.056
C
0.22
0.31
0.009
0.012
D
38.10
1.500
E
15.40
15.80
0.606
0.622
E1
13.05
13.36
0.514
0.526
e1
2.54
0.100
e3
33.02
1.300
eA
16.17
18.32
0.637
0.721
L
3.18
4.10
0.125
0.161
S
1.52
2.49
0.060
0.098
7.11
0.280
α
4
°
15
°
4
°
15
°
N28
28
FDIP28W
Drawing is no to scale
FDIP28W - 28 pin Ceramic Frit-seal DIP, with window
9/11
M27C64A


Número de pieza similar - M27C64A-30F6X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C64A-30F6X STMICROELECTRONICS-M27C64A-30F6X Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Descripción similar - M27C64A-30F6X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com