Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M27C64A-30F1TR Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza M27C64A-30F1TR
Descripción Electrónicos  64K (8K x 8) UV EPROM and OTP ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-30F1TR Datasheet(HTML) 2 Page - STMicroelectronics

  M27C64A-30F1TR Datasheet HTML 1Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 2Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 3Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 4Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 5Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 6Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 7Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 8Page - STMicroelectronics M27C64A-30F1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Q2
VSS
A3
A0
Q0
Q1
A2
A1
G
Q5
A10
E
Q3
A11
Q7
Q6
Q4
NC
P
A12
A4
VPP
VCC
A7
AI00835
M27C64A
8
1
2
3
4
5
6
7
9
10
11
12
13
14
20
19
18
17
16
15
A6
A5
A9
A8
28
27
26
25
24
23
22
21
Figure 2A. DIP Pin Connections
Warning: NC = Not Connected
AI00836
A8
A10
17
A0
NC
Q0
A6
A3
A2
A1
A5
A4
9
A9
1
A11
Q6
Q7
32
M27C64A
NC
G
E
25
Figure 2B. LCC Pin Connections
Warning: NC = Not Connected, DU = Don’t Use
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO (2)
Input or Output Voltages (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(2)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other
relevant quality documents.
2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC
voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns.
Table 2. Absolute Maximum Ratings (1)
DEVICE OPERATION
The modes of operation of the M27C64A are listed
in the Operating Modes table. A single 5V power
supply is required in the read mode. All inputs are
TTL levels except for VPP and 12V on A9 for Elec-
tronic Signature.
Read Mode
The M27C64A has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
2/11
M27C64A


Número de pieza similar - M27C64A-30F1TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C64A-30F1TR STMICROELECTRONICS-M27C64A-30F1TR Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Descripción similar - M27C64A-30F1TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com