Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5-1393818-7 Datasheet(PDF) 4 Page - TE Connectivity Ltd

No. de pieza 5-1393818-7
Descripción Electrónicos  Great variety of contact arrangements and materials to meet specific applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393818-7 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  5-1393818-7 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393818-7 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393818-7 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393818-7 Datasheet HTML 4Page - TE Connectivity Ltd 5-1393818-7 Datasheet HTML 5Page - TE Connectivity Ltd 5-1393818-7 Datasheet HTML 6Page - TE Connectivity Ltd 5-1393818-7 Datasheet HTML 7Page - TE Connectivity Ltd 5-1393818-7 Datasheet HTML 8Page - TE Connectivity Ltd 5-1393818-7 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
Cradle N Relay V23154/V23162 (Continued)
PCB layout
TOP view on component side of PCB
V23154-M/Nxx versions
Dimensions
V23154-Mxxx, size I type
V23154-Nxxx, size II type
M = Earth terminal
a) Hole for mechanical armature actuation, if required
b) Hole for socket mounting with screw M1.6.
Instructions for Impulse Operation
The maximum voltage stated in the part code table can be increased for
impulse operation as follows:
UII Impuls
UII tambxq
UII tamb
Maximum continuous voltage at ambient temperature tamb
q
Factor
The impulse voltage must not exceed 80% of the test voltage (winding/
frame or winding/winding) or 2.5 times the value of the maximum voltage
listed in the part code table.
IftED ≤ 3s then q=
; IftED = Pulse width, t2 = Cycle time. If tED > 3s the
value of q must be obtained from the nomograph.
Examples of various periodic pulse trains (energizing side)
1. Periodic recurrence of one energizing pulse
2. Periodic recurrence of two unequal energizing pulses
tED = tI + tII
tI + tII = Pulse widths
within one cycle


Número de pieza similar - 5-1393818-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
5-1393818-7 TEC-5-1393818-7 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

Descripción similar - 5-1393818-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com