Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD39020ADTPU28R Datasheet(PDF) 10 Page - STMicroelectronics |
|
LD39020ADTPU28R Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 30 page Electrical characteristics LD39020 10/30 DocID025316 Rev 3 Symbol Parameter Test conditions Min. Typ. Max. Unit COUT Output capacitor Capacitance (see Figure 17: "Stability area vs (COUT, ESR)") 0.47 22 µF Notes: (1) Not applicable for Vout(nom) > 4.5 V (2) Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage just reaching 95 % of its nominal value TJ = 25 °C, VIN = VOUT(NOM) + 1 V , CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless otherwise specified. Table 6: Electrical characteristics for LD39020AT, LD39020ADT Symbol Parameter Test conditions Min. Typ. Max. Unit VIN Operating input voltage 1.5 5.5 V VOUT VOUT accuracy IOUT = 1 mA, TJ = 25 °C -0.5 0.5 % IOUT = 1 mA, -40 °C<TJ<125 °C -1.5 1.5 % ∆V OUT Static line regulation (1) VOUT(NOM) + 1 V ≤ VIN ≤ 5.5 V, IOUT = 10 mA 0.02 %/V -40 °C<TJ<125 °C 0.2 ∆V OUT Static load regulation IOUT = 0 mA to 200 mA 10 mV -40 °C<TJ<125 °C 0.01 %/mA VDROP Dropout voltage IOUT = 30 mA,VOUT = 2.8 V 35 mV IOUT = 200 mA, VOUT = 2.8 V -40 °C<TJ<125 °C 200 350 eN Output noise voltage 10 Hz to 100 kHz, IOUT = 10 mA 45 µVRM S SVR Supply voltage rejection VIN = VOUT(NOM)+ 1 V +/- VRIPPLE VRIPPLE = 0.2 V Freq. = 1 kHz IOUT = 30 mA 80 dB VIN = VOUT(NOM)+ 1 V +/- VRIPPLE VRIPPLE = 0.2 V Freq. = 100 kHz IOUT = 30 mA 55 IQ Quiescent current IOUT = 0 mA 20 40 µA IOUT = 200 mA 100 IStandby Standby current VIN input current in OFF MODE: VEN = GND 0.03 1 µA ISC Short circuit current RL = 0 250 350 mA RON Output voltage discharge MOSFET (only on LD39020ADT) 100 Ω |
Número de pieza similar - LD39020ADTPU28R |
|
Descripción similar - LD39020ADTPU28R |