Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD3491FS Datasheet(PDF) 3 Page - Rohm |
|
BD3491FS Datasheet(HTML) 3 Page - Rohm |
3 / 34 page Datasheet 3/30 TSZ02201-0C2C0E155560-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 1.APR.2014 Rev.004 www.rohm.com TSZ22111 ・15・001 BD3491FS Block Diagram Figure 3. Block Diagram Absolute Maximum Ratings Parameter Symbol Limits Unit Power supply Voltage VCC 10.0 V Input Voltage Vin VCC+0.3 to GND-0.3 SCL,SDA only 7 to GND-0.3 V Power Dissipation Pd 0.95 ※ 1 W Storage Temperature Tastg -55 to +150 ℃ ※ 1 Derate by 7.6mW/ ℃ for Ta=25 ℃ or more. ROHM standard board shall be mounted. Thermal resistance θja = 131.6( ℃ /W) 。 ROHM standard board Size:70×70×1.6( ㎣ ) Material: A FR4 grass epoxy board (3% or less of copper foil area) Operating Range Parameter Symbol Limits Unit Power supply voltage VCC 4.75 to 9.5 V Temperature Topr -40 to +85 ℃ |
Número de pieza similar - BD3491FS |
|
Descripción similar - BD3491FS |